Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRCZ34 Datasheet(PDF) 6 Page - International Rectifier

Part # IRCZ34
Description  Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCZ34 Datasheet(HTML) 6 Page - International Rectifier

  IRCZ34 Datasheet HTML 1Page - International Rectifier IRCZ34 Datasheet HTML 2Page - International Rectifier IRCZ34 Datasheet HTML 3Page - International Rectifier IRCZ34 Datasheet HTML 4Page - International Rectifier IRCZ34 Datasheet HTML 5Page - International Rectifier IRCZ34 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
C-12
IRCZ34
Fig. 18 HEXSense Ratio Test Circuit
Fig. 19 HEXSense Sensing Cell Output
Capacitance Test Circuit
Mechanical drawings, Appendix A
Part marking information, Appendix B
Test Circuit diagrams, Appendix C
I
D, Drain Current (Amps)
Fig. 16 Typical HEXSense Ratio vs.
Drain Current
T
J, Junction Temperature (°C)
V
GS, Gate-to-Source Voltage (Volts)
Fig. 15 Typical HEXSense Ratio vs.
JunctionTemperature
Fig. 17 Typical HEXSense Ratio vs.
Gate Voltage


Similar Part No. - IRCZ34

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ34PBF IRF-IRCZ34PBF Datasheet
606Kb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRCZ34

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7301 IRF-IRF7301 Datasheet
113Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)=0.050ohm)
IRF7303 IRF-IRF7303 Datasheet
111Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.050ohm)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFD9024 IRF-IRFD9024 Datasheet
178Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-1.6A)
IRFL9014 IRF-IRFL9014 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.8A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRFP064V IRF-IRFP064V Datasheet
210Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=5.5mohm, Id=130A??
IRFL1006 IRF-IRFL1006 Datasheet
127Kb / 9P
   Power MOSFET(Vdss=60V, Rds(on)=0.22ohm, Id=1.6A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com