Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR5CM-12LB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BCR5CM-12LB
Description  600V - 5A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5CM-12LB Datasheet(HTML) 6 Page - Renesas Technology Corp

  BCR5CM-12LB_15 Datasheet HTML 1Page - Renesas Technology Corp BCR5CM-12LB_15 Datasheet HTML 2Page - Renesas Technology Corp BCR5CM-12LB_15 Datasheet HTML 3Page - Renesas Technology Corp BCR5CM-12LB_15 Datasheet HTML 4Page - Renesas Technology Corp BCR5CM-12LB_15 Datasheet HTML 5Page - Renesas Technology Corp BCR5CM-12LB_15 Datasheet HTML 6Page - Renesas Technology Corp BCR5CM-12LB_15 Datasheet HTML 7Page - Renesas Technology Corp BCR5CM-12LB_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BCR5CM-12LB
Preliminary
R07DS1026EJ0100 Rev.1.00
Page 6 of 7
Feb 25, 2013
C1 = 0.1 to 0.47μF
R1 = 47 to 100Ω
C0 = 0.1μF
R0 = 100Ω
Gate Trigger Characteristics Test Circuits
Recommended Circuit Values Around The Triac
Test Procedure I
Test Procedure III
Test Procedure II
Gate Current Pulse Width (
μs)
Gate Trigger Current vs.
Gate Current Pulse Width
101
103
7
5
3
2
100
23
5 7 101
102
7
5
3
2
23
5 7 102
4
4
4
4
C1
C0
R0
R1
6
Ω
6
Ω
6
Ω
6V
6V
6V
330
Ω
330
Ω
330
Ω
A
V
A
V
A
V
Typical Example
IRGT III
IRGT I
IFGT I
Load


Similar Part No. - BCR5CM-12LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5CM-12LB-A8BB0 RENESAS-BCR5CM-12LB-A8BB0 Datasheet
132Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5CM-12LBBB0 RENESAS-BCR5CM-12LBBB0 Datasheet
132Kb / 8P
   600V - 5A - Triac Medium Power Use
More results

Similar Description - BCR5CM-12LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5FM-12LB RENESAS-BCR5FM-12LB_15 Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB_15 Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA Datasheet
473Kb / 8P
   600V - 5A - Triac Medium Power Use
Feb. 1, 2019
BCR5FM-12LB RENESAS-BCR5FM-12LB Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5LM-12RB RENESAS-BCR5LM-12RB Datasheet
101Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5CM-12LB RENESAS-BCR5CM-12LB Datasheet
132Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA_15 Datasheet
103Kb / 7P
   600V - 5A - Triac Medium Power Use
BCR5PM-14LJ RENESAS-BCR5PM-14LJ Datasheet
117Kb / 8P
   700V - 5A - Triac Medium Power Use
BCR5LM-14LJ RENESAS-BCR5LM-14LJ_15 Datasheet
110Kb / 8P
   700V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com