Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3365 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SK3365
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3365 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SK3365_15 Datasheet HTML 1Page - Renesas Technology Corp 2SK3365_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3365_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3365_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3365_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3365_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3365_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3365_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3365_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet D14255EJ4V0DS
4
2SK3365
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
10
0.1
1
100
1 000
1 m
10 m
100 m
1
10
100
1000
100
Single Pulse
μ
Rth(ch−C) = 3.48 ˚C/W
Rth(ch−A) = 125 ˚C/W
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID- Drain Current - A
VDS = 10 V
Pulsed
0.1
1
1
10
100
10
100
0.1
Tch =
−50˚C
−25˚C
25˚C
Tch = 75˚C
150˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
05
20
10
10
15
Pulsed
40
50
30
ID = 15 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
ID - Drain Current - A
40
1
60
10
100
1000
Pulsed
0
10 V
20
VGS = 4.0 V
4.5 V
0.1
80
100
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS = 10 V
ID = 1 mA
− 50
0
50
100
150
0
1
2
2.5
1.5
0.5


Similar Part No. - 2SK3365_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3365-Z NEC-2SK3365-Z Datasheet
63Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Inchange Semiconductor ...
2SK3365-Z ISC-2SK3365-Z Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3365-Z RENESAS-2SK3365-Z Datasheet
233Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
1999
More results

Similar Description - 2SK3365_15

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com