Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU5000RT3U Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # SU5000RT3U
Description  SmartOnline 208/120V 5kVA 3.5kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 7U Rack/Tower, USB, DB9 Serial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU5000RT3U Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  SU5000RT3U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU5000RT3U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU5000RT3U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU5000RT3U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU5000RT3U_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU5000RT3U_15 Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UPS AC Suppression Response
Time
Instantaneous
EMI / RFI AC Noise Suppression
Yes
ISOLATION
Output Isolation Transformer
120V 5-15/20R outlets include load isolation transfomer protection
PHYSICAL
Included Mounting Accessory
Description
3 sets of adjustable 4 post rackmount installation rails included
Installation Form Factors Supported
with Optional Accessories
2 post rackmount (2POSTRMKITHD); Tower (2-9USTAND)
Optional Mounting Accessory Notes
3 sets of 2POSTRMKITHD required for 2 post rackmount installation of separate power module, transformer and
battery pack
Primary Form Factor
Rackmount
UPS Power Module Dimensions
(hwd, in.)
5.2 x 17.5 x 26
UPS Power Module Dimensions
(hwd, cm)
13.3 x 44.4 x 66
Installed Whole System Maximum
Rack Depth (in.)
26
Installed Whole System Maximum
Rack Depth (cm)
66
Rack Height (U Spaces)
7
UPS Power Module Weight (lbs.)
42
UPS Power Module Weight (kg)
19.1
UPS Dimensions Details
Includes 3U power module, 2U stepdown transformer and 2U external battery pack
Stepdown Transformer Dimensions
(hwd / in.)
3.5 x 17.5 x 21
Stepdown Transformer Dimensions
(hwd / cm)
8.9 x 44.4 x 53.3
Stepdown Transformer Weight (lbs.)
57
Stepdown Transformer Weight (kg)
25.9
Included Battery Pack Dimensions
(hwd / in.)
3.5 x 17.5 x 22.5
Included Battery Pack Dimensions
(hwd / cm)
8.9 x 44.4 x 57.2
Included Battery Pack Weight (lbs.)
92
Included Battery Pack Weight (kg)
41.8
UPS Shipping Dimensions (hwd / in.)
30 x 25 x 33
UPS Shipping Dimensions (hwd /
cm)
76.2 x 63.5 x 83.8
4 / 6


Similar Part No. - SU5000RT3U_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU5000RT3UHV TRIPPLITE-SU5000RT3UHV Datasheet
522Kb / 5P
   SmartOnline 200-240V 5kVA 3.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 5U Rack/Tower, DB9 Serial
More results

Similar Description - SU5000RT3U_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU5000RT4UTF TRIPPLITE-SU5000RT4UTF Datasheet
518Kb / 6P
   SmartOnline 208/120V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 6U Rack/Tower, USB, DB9 Serial
SU5000RT3UHV TRIPPLITE-SU5000RT3UHV Datasheet
522Kb / 5P
   SmartOnline 200-240V 5kVA 3.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 5U Rack/Tower, DB9 Serial
SU3000RTXL3U TRIPPLITE-SU3000RTXL3U_15 Datasheet
512Kb / 6P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 3U Rack/Tower, USB, DB9 Serial
SU5000RT4UHV TRIPPLITE-SU5000RT4UHV Datasheet
505Kb / 6P
   SmartOnline 200-240V 5kVA 4.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 4U Rack/Tower, USB, DB9 Serial
SU12000RT4U TRIPPLITE-SU12000RT4U Datasheet
550Kb / 6P
   SmartOnline 240/120V or 208-120V 12kVA 8.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 8U Rack-Tower, USB, DB9 Serial
SU3000XL TRIPPLITE-SU3000XL_15 Datasheet
531Kb / 5P
   SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
SU1500XL TRIPPLITE-SU1500XL_15 Datasheet
521Kb / 5P
   SmartOnline 100-120V 1.5kVA 1.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SU2200XLA TRIPPLITE-SU2200XLA Datasheet
515Kb / 5P
   SmartOnline 110-120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SU750XL TRIPPLITE-SU750XL_15 Datasheet
504Kb / 5P
   SmartOnline 100-120V 750VA 600W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SU1000XLA TRIPPLITE-SU1000XLA_15 Datasheet
516Kb / 5P
   SmartOnline 100-120V 1kVA 800W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com