Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANTDP088-R1A Datasheet(PDF) 2 Page - World Produts Inc.

Part # WPANTDP088-R1A
Description  This is a high gain MIMO Panel antenna that operates in the 2.6 GHz WiMAX band
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP088-R1A Datasheet(HTML) 2 Page - World Produts Inc.

  WPANTDP088-R1A Datasheet HTML 1Page - World Produts Inc. WPANTDP088-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev: 1.0
Created on: April 22, 2013
Created by: MKS
Approved by: BP
P age | 2
Pictures of the Antenna
FRONT
BACK


Similar Part No. - WPANTDP088-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP081-S2C WPI-WPANTDP081-S2C Datasheet
193Kb / 6P
   870 / 915 MHz, 2.4 GHz & 5.6 GHz Combo True-Omni
WPANTDP082-S1A WPI-WPANTDP082-S1A Datasheet
112Kb / 2P
   This is a Wideband, Outdoor rated antenna that operates in the 870 / 915 MHz ISM band
WPANTDP084-R1A WPI-WPANTDP084-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 2.5 GHz LTE band
WPANTDP085-R1A WPI-WPANTDP085-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 3.5 GHz WiMAX band
WPANTDP086-R1A WPI-WPANTDP086-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 5.5 GHz Wi-Fi / WLAN band
More results

Similar Description - WPANTDP088-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP089-R1A WPI-WPANTDP089-R1A Datasheet
74Kb / 2P
   This is a high gain 2x4 MIMO Panel antenna that operates in the 2.6 GHz WiMAX band
WPANTDP085-R1A WPI-WPANTDP085-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 3.5 GHz WiMAX band
WPANTDP084-R1A WPI-WPANTDP084-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 2.5 GHz LTE band
WPANTDP086-R1A WPI-WPANTDP086-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 5.5 GHz Wi-Fi / WLAN band
WPANTDP087-R1A WPI-WPANTDP087-R1A Datasheet
71Kb / 2P
   This is a high gain Directional Panel antenna that operates in the 5.8 GHz Wi-Fi / WLAN band
WPANTDP017-S1A WPI-WPANTDP017-S1A Datasheet
129Kb / 2P
   The WPANTDP017-S1A is a multi-polarized 3X3 MIMO antenna that operates in the 4.9 ??5.9 GHz band
WPANTDP015-S1A WPI-WPANTDP015-S1A Datasheet
124Kb / 2P
   The WPANTDP015-S1A is a multi-polarized 3X3 MIMO antenna that operates in the 4.9 . 5.9 GHz band
WPANTDP082-S1A WPI-WPANTDP082-S1A Datasheet
112Kb / 2P
   This is a Wideband, Outdoor rated antenna that operates in the 870 / 915 MHz ISM band
WPANT30052-RA WPI-WPANT30052-RA Datasheet
78Kb / 2P
   3.5 GHz WiMAX Directional Panel Antenna
WPANT30121 WPI-WPANT30121 Datasheet
340Kb / 6P
   MIMO Panel Antenna ??Dual-band Wi-Fi
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com