Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU3000XLCD Datasheet(PDF) 6 Page - Tripp Lite. All Rights Reserved

Part # SU3000XLCD
Description  SmartOnline 100-127V 3kVA 2.7kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, LCD display, USB, DB9 Serial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU3000XLCD Datasheet(HTML) 6 Page - Tripp Lite. All Rights Reserved

  SU3000XLCD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU3000XLCD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU3000XLCD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU3000XLCD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU3000XLCD Datasheet HTML 5Page - Tripp Lite. All Rights Reserved SU3000XLCD Datasheet HTML 6Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Transfer Time
Zero transfer time (0 ms.) in online, double-conversion and frequency regulation / conversion modes;
Low Voltage Transfer to Battery
Power (Setpoint)
55V (33% load), 70V (70% load), 100V (100% load)
High Voltage Transfer to Battery
Power (Setpoint)
150
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
High Availability UPS Features
Automatic inverter bypass; Hot swappable batteries
Green Energy-Saving Features
High efficiency economy mode operation; Individually controllable load banks; Schedulable daily hours of economy
mode operation
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category A (EMI)
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$250,000 Ultimate Lifetime Insurance
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
6 / 6


Similar Part No. - SU3000XLCD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU3000XL ETC2-SU3000XL Datasheet
536Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, Tower, 120V NEMA outlets
logo
Tripp Lite. All Rights ...
SU3000XL TRIPPLITE-SU3000XL_15 Datasheet
531Kb / 5P
   SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
More results

Similar Description - SU3000XLCD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU3000RTXLCD3U TRIPPLITE-SU3000RTXLCD3U Datasheet
516Kb / 6P
   SmartOnline 100-127V 3kVA 2.7kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 3U Rack, LCD display, USB, DB9 Serial
SU2200XLCD TRIPPLITE-SU2200XLCD Datasheet
567Kb / 6P
   SmartOnline 100-127V 2.2kVA 1.8kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, LCD display, USB, DB9 Serial
SU1500XLCD TRIPPLITE-SU1500XLCD Datasheet
565Kb / 6P
   SmartOnline 100-127V 1.5kVA 1.35kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, LCD display, USB, DB9 Serial
SU1000XLCD TRIPPLITE-SU1000XLCD Datasheet
545Kb / 6P
   SmartOnline 100-127V 1kVA 900W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, LCD display, USB, DB9 Serial
SU3000RTXL2U TRIPPLITE-SU3000RTXL2U Datasheet
496Kb / 6P
   SmartOnline 100-127V 3kVA 2.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SU3000XL TRIPPLITE-SU3000XL_15 Datasheet
531Kb / 5P
   SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
SU2200RTXLCD2U TRIPPLITE-SU2200RTXLCD2U Datasheet
509Kb / 6P
   SmartOnline 100-127V 2.2kVA 1.8kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, LCD display, USB, DB9 Serial
SU750RTXLCD2U TRIPPLITE-SU750RTXLCD2U Datasheet
507Kb / 6P
   SmartOnline 100-127V 750VA 675W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, LCD display, USB, DB9 Serial
SU1000RTXLCD2U TRIPPLITE-SU1000RTXLCD2U Datasheet
507Kb / 6P
   SmartOnline 100-127V 1kVA 900W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, LCD display, USB, DB9 Serial
SU3000RTXL3U TRIPPLITE-SU3000RTXL3U_15 Datasheet
512Kb / 6P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 3U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com