Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SU3000RTXR3UHW Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SU3000RTXR3UHW
Description  SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, USB, DB9 Serial, Hardwire
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU3000RTXR3UHW Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SU3000RTXR3UHW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU3000RTXR3UHW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU3000RTXR3UHW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU3000RTXR3UHW Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU3000RTXR3UHW Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartOnline 110-120V 3kVA 2.4kW On-Line
Double-Conversion UPS, Extended Run, SNMP,
Webcard, 3U Rack/Tower, USB, DB9 Serial, Hardwire
MODEL NUMBER: SU3000RTXR3UHW
Description
3000VA / 3kVA online, double-conversion UPS system in 3U rackmount form factor for critical server, network
and telecommunications equipment. 3U rackmount form factor with an installed depth of 29.5 inches (75cm).
Expandable battery runtime with optional BP72V15-2U (limit 1), BP72V28RT-3U (multi-pack compatible) and
BP72V18-2US (multi-pack compatible) external battery packs. Full time sine wave 110 or 120V output with +/-2%
voltage regulation. Online, double-conversion Uninterruptible Power Supply (UPS) actively converts raw
incoming AC power to DC, then re-converts output back to completely regulated, filtered AC output. Operates
continuously without using battery power during brownouts to 65V and overvoltages to 150V. Hardwired AC
input and output (L-N-G, 120V). Highly efficient operation in optional economy mode setting, saves BTU heat
output and energy costs. Network-grade AC surge and noise suppression. Zero transfer time between AC and
battery operation. Network management interfaces support simultaneous communications via USB port, DB9
serial port and SNMPWEBCARD slot. Includes USB and DB9 serial ports. Built-in DB9 port offers both
enhanced RS-232 enabled monitoring data, plus contact closure monitoring ability. HID-compliant USB interface enables integration with built-in power
management and auto shutdown features of Windows and Mac OS X. Supports simultaneous detailed monitoring of equipment load levels, self-test data and
mains power conditions via all 3 network interfaces. Includes PowerAlert monitoring software and complete cabling. Emergency Power Off (EPO) interface.
Multi-stage metered current monitoring and battery charge status LEDs. LED display panel easily rotates for better viewing in rackmount or tower
configurations. Dataline surge suppression for dialup, DSL or network ethernet connection. Mains power and voltage regulation LEDs. Audible Alarm. Self-test.
Fault-tolerant auto-bypass mode. 4 post rackmount accessories included; 2-9USTAND tower kit and 2POSTRMKITHD 2-post rackmount accessories
available. Field replaceable, hot swappable internal batteries and external battery packs. Attractive all-black UPS design. $250,000 Ultimate Lifetime
Insurance (U.S., Canada, and Puerto Rico only).
Features
3000VA / 3kVA / 2400 watt online, double-conversion UPS system in 3U rackmount form factor for critical server, network and telecommunications
equipment
True online, double-conversion UPS provides perfectly regulated sine wave output within 2% of 110/120V (user selectable) under all usage conditions
Highlights
3000VA / 3kVA / 2400 watt
on-line double-conversion 3U
rack / tower UPS
110/120V +/-2% output at
50/60Hz, high efficiency
economy mode option
Oversize internal batteries,
Expandable runtime,
Hot-swappable batteries
USB, RS232 & EPO ports;
includes SNMPWEBCARD slot
Front panel status LEDs with
detailed load and battery metering
Hardwire input & output
connections
Applications
Distributed Server Rooms
Network Closets
Small Business Networks
Voice over IP (VoIP) Phone
Systems
Package Includes
SU3000RTXR3UHW UPS
System
PowerAlert Software CD and
cabling
Owner's manual with warranty
information
1 / 5


Similar Part No. - SU3000RTXR3UHW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU3000RTXR3U ETC2-SU3000RTXR3U Datasheet
516Kb / 7P
   SmartOnline 3kVA On-Line Double-Conversion UPS, 3U Rack/Tower, 110/120V NEMA outlets, XR runtime
logo
Tripp Lite. All Rights ...
SU3000RTXR3U TRIPPLITE-SU3000RTXR3U_15 Datasheet
512Kb / 6P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Runtime,Oversized Batteries, SNMP, Webcard, 3URack-Tower, USB, DB9 Serial
More results

Similar Description - SU3000RTXR3UHW

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU3000RTXL3U TRIPPLITE-SU3000RTXL3U_15 Datasheet
512Kb / 6P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 3U Rack/Tower, USB, DB9 Serial
SU3000XL TRIPPLITE-SU3000XL_15 Datasheet
531Kb / 5P
   SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
SU3000RTXL3UN TRIPPLITE-SU3000RTXL3UN Datasheet
512Kb / 5P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard pre-installed, 3U Rack/Tower, USB, DB9 Serial
SUINT3000RTXL3U TRIPPLITE-SUINT3000RTXL3U Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, USB, DB9 Serial
SU3000RTXL3UHV TRIPPLITE-SU3000RTXL3UHV_15 Datasheet
499Kb / 5P
   SmartOnline 200-240V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 3U Rack/Tower, DB9 Serial
SU2200XLA TRIPPLITE-SU2200XLA Datasheet
515Kb / 5P
   SmartOnline 110-120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SU2200RTXL2UA TRIPPLITE-SU2200RTXL2UA_15 Datasheet
494Kb / 6P
   SmartOnline 110-120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SU3000RTXR3U TRIPPLITE-SU3000RTXR3U_15 Datasheet
512Kb / 6P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Runtime,Oversized Batteries, SNMP, Webcard, 3URack-Tower, USB, DB9 Serial
SU20KRTHWTFASSM TRIPPLITE-SU20KRTHWTFASSM Datasheet
550Kb / 6P
   SmartOnline 240-120V 20kVA 18kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, USB, DB9 Serial, Hardwire
SU3000RTXL2U TRIPPLITE-SU3000RTXL2U Datasheet
496Kb / 6P
   SmartOnline 100-127V 3kVA 2.5kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com