Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

854917 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 854917
Description  140 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

854917 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  854917_15 Datasheet HTML 1Page - TriQuint Semiconductor 854917_15 Datasheet HTML 2Page - TriQuint Semiconductor 854917_15 Datasheet HTML 3Page - TriQuint Semiconductor 854917_15 Datasheet HTML 4Page - TriQuint Semiconductor 854917_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 854917
140 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature: (2)
+25 oC
Parameter
Minimum
Typical
Maximum
Unit
Center Frequency
-
140
-
MHz
Insertion Loss at FO
-
8.87
12.5
dB
2 dB Bandwidth
10.2
11.58
-
MHz
3 dB Bandwidth
12
12.4
-
MHz
35 dB Bandwidth
-
16.57
21.3
MHz
Passband Ripple
134.6 - 145.4 MHz
-
0.52
1
dB
Phase Linearity
134.0 - 146.0 MHz
-
9.67
15
deg p-p
Group Delay Variation
134.6 - 145.4 MHz
-
54
120
nsec
Absolute Delay
-
1
-
µ
sec
Ultimate Rejection
-
45
-
dB
Temperature Coefficient
-
-94
-
ppm/ oC
Source Impedance (3)
-
50
-
Load Impedance (3)
-
50
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
All specifications are tested at room temperature only
3.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
Actual matching values may vary due to PCB layout and parasitics
50
Single-ended
Input
1,2,3,4,6
7,8,9,10,12
50
7pF
11
5
50
68nH
68nH
50
Single-ended
Output
Subject to change or obsolescence without notice
Rev -
15-Mar-2005
Page 2 of 5


Similar Part No. - 854917_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
854917 TRIQUINT-854917 Datasheet
42Kb / 1P
   Std Low-Loss140 MHz Bandpass Filter
More results

Similar Description - 854917_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
   140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
   140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856020 TRIQUINT-856020_15 Datasheet
386Kb / 6P
   140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
   140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2045A RFM-SF2045A Datasheet
216Kb / 5P
   140 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com