Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8130TA-E3 Datasheet(PDF) 3 Page - NEC

Part # UPC8130TA-E3
Description  -15 dBm INPUT, VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8130TA-E3 Datasheet(HTML) 3 Page - NEC

  UPC8130TA-E3 Datasheet HTML 1Page - NEC UPC8130TA-E3 Datasheet HTML 2Page - NEC UPC8130TA-E3 Datasheet HTML 3Page - NEC UPC8130TA-E3 Datasheet HTML 4Page - NEC UPC8130TA-E3 Datasheet HTML 5Page - NEC UPC8130TA-E3 Datasheet HTML 6Page - NEC UPC8130TA-E3 Datasheet HTML 7Page - NEC UPC8130TA-E3 Datasheet HTML 8Page - NEC UPC8130TA-E3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
µµµµPC8130TA, µµµµPC8131TA
2
1
4
5
3
Bias
circuit
GND
Control
circuit
Control circuit
2
6
5
PIN EXPLANATION
Pin
No.
Pin
Name
Applied
Voltage
V
Pin
Voltage
V
Note
Function and Applications
Internal Equivalent Circuit
1
IN
1.4
RF input pin. This pin should be
coupled with capacitor (eg 1000 pF)
for DC cut. Input return loss can be
improved with external impedance
matching circuit.
2
3
GND
0
Ground pin. This pin should be
connected to system ground with
minimum inductance. Ground patt-
ern on the board should be formed
as wide as possible. Ground pins
must be connected together with
wide ground pattern to decrease
impedance difference.
4
OUT
voltage
as same
as VCC
through
external
inductor
RF output pin. This pin is designed
as open collector of high impedance.
This pin must be externally equipped
with matching circuits.
5VCC
2.7 to 3.3
Supply voltage pin.
This pin must be equipped with
bypass capacitor (eg 1000 pF)
to minimize its RF impedance.
6VAGC
0 to 3.3
Gain control pin. The relation
between product number and control
performance is shown below;
Note Pin voltage is measured at VCC = 3.0 V.
Part No.
VAGC up vs. Gain
µPC8130TA
up
µPC8131TA
down


Similar Part No. - UPC8130TA-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8130TA-E3 RENESAS-UPC8130TA-E3 Datasheet
453Kb / 42P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
1997
More results

Similar Description - UPC8130TA-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8119T NEC-UPC8119T Datasheet
550Kb / 52P
   VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
   Cellular-band Variable Gain Amplifier
logo
NXP Semiconductors
BGA2031 PHILIPS-BGA2031 Datasheet
67Kb / 12P
   MMIC variable gain amplifier
1999 Jul 23
BGA2031 PHILIPS-BGA2031_1 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
BGA2031 NXP-BGA2031 Datasheet
315Kb / 11P
   MMIC variable gain amplifier
2001 Feb 05
logo
Analog Devices
HMC628LP4 AD-HMC628LP4 Datasheet
923Kb / 14P
   BiCMOS MMIC 5-Bit DIGITAL VARIABLE GAIN AMPLIFIER
HMC680LP4 AD-HMC680LP4 Datasheet
548Kb / 8P
   BiCMOS MMIC 5-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
BeRex Corporation
BVA303B BEREX-BVA303B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA304B BEREX-BVA304B Datasheet
1Mb / 20P
   DIGITAL VARIABLE GAIN AMPLIFIER
BVA305 BEREX-BVA305_18 Datasheet
1Mb / 16P
   DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com