Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR4105Z Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # IRFR4105Z
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRFR4105Z Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  IRFR4105Z Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRFR4105Z Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRFR4105Z Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRFR4105Z Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRFR4105Z Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRFR4105Z Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRFR4105Z Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRFR4105Z Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRFR4105Z Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
0
1
10
100
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
60µs PULSE WIDTH
Tj = 25°C
4.5V
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Typical Forward Transconductance
Vs. Drain Current
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
0
1
10
100
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
60µs PULSE WIDTH
Tj = 175°C
4.5V
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
4
5
6
7
8
9
10
VGS, Gate-to-Source Voltage (V)
0
1
10
100
1000
VDS = 25V
60µs PULSE WIDTH
TJ = 25°C
TJ = 175°C
0
1020
3040
ID, Drain-to-Source Current (A)
0
5
10
15
20
25
30
TJ = 25°C
TJ = 175°C
VDS = 8.0V
380µs PULSE WIDTH
IRFR/U4105Z
2014-8-15
3
www.kersemi.com


Similar Part No. - IRFR4105Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR4105Z IRF-IRFR4105Z Datasheet
206Kb / 11P
   Power MOSFET(Vds=55V, Rds(on)=24.5mohm, Id=30A)
logo
Inchange Semiconductor ...
IRFR4105Z ISC-IRFR4105Z Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFR4105ZLPBF IRF-IRFR4105ZLPBF Datasheet
335Kb / 11P
   Advanced Process Technology
IRFR4105ZPBF IRF-IRFR4105ZPBF Datasheet
267Kb / 11P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR4105ZPBF KERSEMI-IRFR4105ZPBF Datasheet
4Mb / 11P
   AUTOMOTIVE MOSFET
More results

Similar Description - IRFR4105Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com