Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDT5451 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # MMDT5451
Description  Plastic-Encapsulated Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MMDT5451 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  MMDT5451_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MMDT5451_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MMDT5451_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MMDT5451_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
MMDT5451
0.2 W, 200 mA, 180 V
Plastic-Encapsulated Transistor (Dual)
28-Oct-2009 Rev. B
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - MMDT5451_15

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
MMDT5451 WINNERJOIN-MMDT5451_15 Datasheet
83Kb / 2P
   Multi-Chip General Purpose TRANSISTOR
logo
Diodes Incorporated
MMDT5451 DIODES-MMDT5451_15 Datasheet
204Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - MMDT5451_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S9014W SECOS-S9014W Datasheet
269Kb / 2P
   Plastic Encapsulated Transistor
BCP869 SECOS-BCP869 Datasheet
75Kb / 2P
   Plastic Encapsulated Transistor
2SB766A SECOS-2SB766A_15 Datasheet
247Kb / 2P
   Plastic Encapsulated Transistor
logo
Galaxy Semi-Conductor H...
2SA1664 BILIN-2SA1664 Datasheet
135Kb / 3P
   Plastic-Encapsulated Transistor
logo
SeCoS Halbleitertechnol...
MMDT5451 SECOS-MMDT5451 Datasheet
444Kb / 4P
   Plastic-Encapsulated Transistor
S9018W SECOS-S9018W Datasheet
301Kb / 2P
   Plastic Encapsulated Transistor
BCP869 SECOS-BCP869_15 Datasheet
64Kb / 2P
   Plastic Encapsulated Transistor
S9018W SECOS-S9018W_15 Datasheet
301Kb / 2P
   Plastic Encapsulated Transistor
logo
Nanjing International G...
2SA1664 DGNJDZ-2SA1664 Datasheet
420Kb / 3P
   Plastic-Encapsulated Transistor
logo
SeCoS Halbleitertechnol...
S9014W SECOS-S9014W_15 Datasheet
269Kb / 2P
   Plastic Encapsulated Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com