Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8105GR Datasheet(PDF) 8 Page - NEC

Part # UPC8105GR
Description  900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8105GR Datasheet(HTML) 8 Page - NEC

Back Button UPC8105GR Datasheet HTML 4Page - NEC UPC8105GR Datasheet HTML 5Page - NEC UPC8105GR Datasheet HTML 6Page - NEC UPC8105GR Datasheet HTML 7Page - NEC UPC8105GR Datasheet HTML 8Page - NEC UPC8105GR Datasheet HTML 9Page - NEC UPC8105GR Datasheet HTML 10Page - NEC UPC8105GR Datasheet HTML 11Page - NEC UPC8105GR Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Preliminary Data Sheet P13488EJ1V0DS00
8
µµµµPC8126K
PIN EXPLANATIONS
Pin
No.
Symbol
Supply
Voltage
(V)
Pin
Voltage (V)
@3 V
Description
Equivalent Circuit
2
LOinb
2.6
Bypass of LO input for modulator.
This pin should be externally
grounded through around 33 pF
capacitor.
4
LOin
2.6
LO input for the phase shifter.
Connect around 300
Ω between pin
4 and 5 to match to 50
Ω by LC.
2
4
6VCC2
2.7 to 3.6
Supply voltage pin for the phase
shifter and IQ Mixer. An internal
regulator helps keep the device
stable against temperature or VCC
variation.
–––––––––––––
7VPS1
(Modulator)
VPS
Power save control pin for the
modulator can control On/Sleep
state with bias as follows.
VPS (V)
State
2.2 to 3.6
ON (Active Mode)
0 to 0.5
OFF (Sleep Mode)
7
9GND
(Modulator)
0
Ground pin for the modulator.
Connect to the ground with minimum
inductance.
Track length should be kept as short
as possible.
–––––––––––––
10
I
VCC/2
Input for I signal.
This input impedance is 180 k
Ω.
In case of that I/Q input signals are
single ended, amplitude of the signal
is 500 mVP-P max.
Note
11
Ib
VCC/2
Input for I signal.
This input impedance is 180 k
Ω.
In case of that I/Q input signals are
single ended, VCC/2 biased DC
signal should be input.
In case of that I/Q input signals are
differential, amplitude of the signal is
250 m VP-P max.
Note
10
11
Note Relations between amplitude and VCC/2 bias of input signal are following.


Similar Part No. - UPC8105GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8105GR NEC-UPC8105GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8105GR NEC-UPC8105GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8105GR NEC-UPC8105GR Datasheet
223Kb / 20P
   Single Chip Transceiver Silicon MMIC for PHS
More results

Similar Description - UPC8105GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
NEC
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com