Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF520NS Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # IRF520NS
Description  Low-profile through-hole (IRF520NL)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF520NS Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  IRF520NS Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF520NS Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
100
200
300
400
500
600
1
1 0
100
DS
V
, D rain-to-S ourc e V oltage (V )
A
V
= 0V ,
f = 1M H z
C
= C
+ C
, C
S H O R T E D
C
= C
C
= C
+ C
GS
is s
g s
g d
d s
rs s
g d
o ss
d s
gd
C iss
C oss
C rss
0
4
8
12
16
20
0
5
10
15
20
25
Q
, T otal G ate C harge (nC )
G
V
= 80 V
V
= 50 V
V
= 20 V
DS
DS
DS
A
F O R TE S T CIR C U IT
S E E F IG U R E 1 3
I
= 5.7 A
D
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
T = 2 5°C
J
V
= 0V
GS
V
, S ourc e-to-D rain V oltage (V )
SD
A
T = 17 5°C
J
0.1
1
10
100
1
1 0
100
1000
V
, D rain-to-S ource V oltage (V )
DS
O P E R A T IO N IN T H IS A R E A LIM IT E D
B Y R DS (on)
10µs
100µ s
1m s
10m s
A
T
= 25 °C
T
= 17 5°C
Sing le P u ls e
C
J
IRF520NS/L
2014-8-26
4
www.kersemi.com


Similar Part No. - IRF520NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF520NS IRF-IRF520NS Datasheet
185Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=9.7A)
IRF520NS IRF-IRF520NS Datasheet
195Kb / 11P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF520NS ISC-IRF520NS Datasheet
188Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
IRF520NS VBSEMI-IRF520NS Datasheet
2Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
International Rectifier
IRF520NSPBF IRF-IRF520NSPBF Datasheet
405Kb / 10P
   Advamced {rpcess Technology Surface Mount
More results

Similar Description - IRF520NS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TMM-102-03-G-S SAMTEC-TMM-102-03-G-S Datasheet
1Mb / 1P
   LOW PROFILE THROUGH-HOLE HEADER
TMM-103-02-G-S SAMTEC-TMM-103-02-G-S Datasheet
1Mb / 1P
   LOW PROFILE THROUGH-HOLE HEADER
logo
Vishay Siliconix
IHDF-1300AE-10 VISHAY-IHDF-1300AE-10 Datasheet
477Kb / 5P
   Low Profile, Through-Hole, High Current Inductors,
logo
DinTek Semiconductor Co...
DTW2070 DINTEK-DTW2070 Datasheet
2Mb / 10P
   Power MOSFET Low-Profile Through-Hole Fast Switching
logo
Vishay Siliconix
IHDF-1300AE-1A VISHAY-IHDF-1300AE-1A_V01 Datasheet
311Kb / 4P
   Low Profile, Through-Hole, High Current Inductors, Edge-Wound Series
01-Jan-2022
IHDF-1300AE-10 VISHAY-IHDF-1300AE-10_V01 Datasheet
476Kb / 5P
   Low Profile, Through-Hole, High Current Inductors, Edge-Wound Series
01-Jan-2022
logo
Molex Electronics Ltd.
0785881562 MOLEX11-0785881562 Datasheet
32Kb / 2P
   1.00mm Pitch DIMM DDR3 Socket, Ultra Low Profile, Through Hole
logo
Vishay Siliconix
IHDF-1300AE-1A VISHAY-IHDF-1300AE-1A Datasheet
312Kb / 4P
   Low Profile, Through-Hole, High Current Inductors, Edge-Wound Series
logo
CTS Corporation
206-208 CTS-206-208 Datasheet
336Kb / 4P
   Multifunctional Through Hole Through Hole
logo
Molex Electronics Ltd.
0785880052 MOLEX11-0785880052 Datasheet
32Kb / 2P
   1.00mm Pitch DIMM DDR3 Socket, Ultra Low Profile, Through Hole, Vertical
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com