Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8104GR Datasheet(PDF) 7 Page - NEC

Part # UPC8104GR
Description  900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8104GR Datasheet(HTML) 7 Page - NEC

Back Button UPC8104GR Datasheet HTML 3Page - NEC UPC8104GR Datasheet HTML 4Page - NEC UPC8104GR Datasheet HTML 5Page - NEC UPC8104GR Datasheet HTML 6Page - NEC UPC8104GR Datasheet HTML 7Page - NEC UPC8104GR Datasheet HTML 8Page - NEC UPC8104GR Datasheet HTML 9Page - NEC UPC8104GR Datasheet HTML 10Page - NEC UPC8104GR Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Preliminary Data Sheet P13488EJ1V0DS00
7
µµµµPC8126K
STANDARD CHARACTERISTICS FOR REFERENCE
(TA = +25°C, VCC1 = VCC2 = VCC3 = 3.0 V, VPS1, VPS2
≥≥≥≥ 2.2 V unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
MODULATOR (TEST CIRCUIT 3)
Modulator Circuit Current
ICC (MOD)
No Input Signals
27.5
34
mA
Modulator Circuit Current at Sleep
Mode
ICC (PS) (MOD)
VPS
≤ 0.5 V (Low),
No Input Signals
–0
10
µA
Input Impedance I and Q Port
ZI/Qin
fI/Q = DC to 10 MHz
90
180
k
Modulator Output Port VSWR
VSWR (MOD)
fMODout = 948 MHz
1.5:1
PRE-MIXER (TEST CIRCUIT 4)
Pre-Mixer Circuit Current
ICC (MIX)
No Input Signals
7.5
10
mA
Pre-Mixer Circuit Current at Sleep
Mode
ICC (PS) (MIX)
VPS
≤ 0.5 V (Low),
No Input Signals
–0
5
µA
Pre-Mixer Conversion Gain
CG (MIX)
–5
–3
–1
dB
Pre-Mixer Output Power
Pout (MIX)
fRFin = 813 MHz, PRFin = –11 dBm
fIFin = 135 MHz, PIFin = –12 dBm
fMIXout = 948 MHz
–17
–15
–13
dBm


Similar Part No. - UPC8104GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8104GR NEC-UPC8104GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8104GR NEC-UPC8104GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results

Similar Description - UPC8104GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Sony Corporation
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
   Quadrature Modulator for 900 MHz-Band Mobile Communications
logo
NEC
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
   1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8125GR NEC-UPC8125GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8129GR NEC-UPC8129GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8158K NEC-UPC8158K Datasheet
126Kb / 12P
   RF UP-CONVERTER WITH AGC FUNCTION IF QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
logo
ATMEL Corporation
T0790 ATMEL-T0790 Datasheet
241Kb / 14P
   700 MHz - 2700 MHz Direct Quadrature Modulator
logo
SIRENZA MICRODEVICES
STQ-3016 SIRENZA-STQ-3016 Datasheet
904Kb / 8P
   2500 -4000 MHz Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com