Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANT40012-CA Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT40012-CA
Description  915 / 2400 MHz ISM Dual-band Wrap-Around AMI Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT40012-CA Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT40012-CA Datasheet HTML 1Page - World Produts Inc. WPANT40012-CA Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 2.0
Created on: August 8, 2013
Created by: MKS
Approved by: BP
Page | 1
* Thickness is 0.88mm including the tape on back
WPANT40012-CA
915 / 2400 MHz ISM Dual-band Wrap-Around AMI Antenna
Description / Application
This is a high performance wrap-around antenna for Electric Meters that operates in both 900 MHz and 2.4 GHz ISM Bands. It has
an industrial grade double stick tape on the back for easy installation. Standard cable is 1.32mm dia Micro Co-ax U.FL cable with
IPX / Hirose connector.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further assist to
trouble shoot system integration issues such as TRP/TIS and FCC requirements. We specialize in developing customized Antenna
solutions. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
902 – 928 MHz
2.4 – 2.5 GHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR – Typical*
< 2.5:1
< 2.5:1
Peak Gain [dBi] (Typical)*
1 to 3 dBi
2 to 3.5 dBi
Efficiency [%] (Typical)*
40 – 60 %
40 – 65 %
Polarization
Linear
Linear
Pattern
Near Omni-directional
Near Omni-directional
*Note: The above mentioned relevant performance metrics are recorded with the Antenna placed inside L&G & GE Electric meters. Any modifications
with regards to the application/use of this antenna (as defined in this specification) may change antenna performance characteristics. Performance
will also vary based on the placement positions of the antenna in the meter. Please contact WPI design team for optimization & placement selection
on any meter.
Mechanical / Environmental Properties
Antenna Dimensions
6.7’’ X 1’’ X 10mils**
(170mm X 25mm X 0.25mm)
Antenna Color
Blue
Cable
8.5’’ long (from the edge of the PCB) 1.32mm dia Micro Co-ax U.FL
Connector
IPX / Hirose equivalent
Tape on the Back
6mm wide 4930 3M Double Stick
Operating / Storage Temperature
-40
oC to +90oC
UV Tolerance
100% UV Resistant
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT40012-CA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT40012-CA WPI-WPANT40012-CA Datasheet
97Kb / 2P
   Flexible ISM Antenna for Smart Meters
WPANT40012-CA WPI-WPANT40012-CA_16 Datasheet
97Kb / 2P
   Flexible ISM Antenna for Smart Meters
More results

Similar Description - WPANT40012-CA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT40003-S1A WPI-WPANT40003-S1A Datasheet
142Kb / 2P
   915 MHz ISM band Wrap-Around AMI Antenna
WPANT40011-SC WPI-WPANT40011-SC Datasheet
337Kb / 2P
   900 / 2400 MHz ISM Dual Band Wrap-Around AMI Antenna
WPANT40005-SA WPI-WPANT40005-SA Datasheet
491Kb / 5P
   450 MHz Wrap-Around AMI Antenna
WPANT40007-CE WPI-WPANT40007-CE Datasheet
124Kb / 2P
   850/1900 MHz Dual-band Cellular Wrap-Around AMI Antenna
WPANT40009-CB WPI-WPANT40009-CB Datasheet
189Kb / 3P
   850/1900 MHz Dual-band Cellular Wrap-Around AMI Antenna
WPANT40006-CB WPI-WPANT40006-CB Datasheet
331Kb / 5P
   450 MHz Wrap-Around AMI Antenna
WPANT40001-SC1 WPI-WPANT40001-SC1 Datasheet
453Kb / 4P
   850/1900 MHz Dual-band Cellular Wrap-Around AMI Antenna
logo
Taoglas antenna solutio...
IS05B301111 TAOGLAS-IS05B301111 Datasheet
1Mb / 18P
   915 MHz Hercules ISM Band Antenna
logo
World Produts Inc.
WPANT30009-CC WPI-WPANT30009-CC_15 Datasheet
269Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
WPANT30009-CC WPI-WPANT30009-CC Datasheet
271Kb / 4P
   915 MHz & 2.4 GHz ISM Dual-band TRUE-OMNI Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com