Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH0033 Datasheet(PDF) 8 Page - Calogic, LLC

Part # LH0033
Description  Fast Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

LH0033 Datasheet(HTML) 8 Page - Calogic, LLC

  LH0033_15 Datasheet HTML 1Page - Calogic, LLC LH0033_15 Datasheet HTML 2Page - Calogic, LLC LH0033_15 Datasheet HTML 3Page - Calogic, LLC LH0033_15 Datasheet HTML 4Page - Calogic, LLC LH0033_15 Datasheet HTML 5Page - Calogic, LLC LH0033_15 Datasheet HTML 6Page - Calogic, LLC LH0033_15 Datasheet HTML 7Page - Calogic, LLC LH0033_15 Datasheet HTML 8Page - Calogic, LLC LH0033_15 Datasheet HTML 9Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LH0033 / LH0033C
LLC
4.5MHz Notch Filter
10
7
6
11
9
12
5
1
R1
220
C1
150pF
R1
220
C2
300pF
R2
110
V
IN
C1
150pF
V +
V -
LH0033
1
f
0 = 2
πR
1C1
R
1 = 2R2
C
1 =
C
2
2
Single Supply AC Amplifier
CASE
10
7
6
INPUT
11
9
12
5
1M
OUTPUT
CC
V
= 12.0V
0.001
µF
LH0033
1
CALOGIC LLC, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
DS048 REV A
Instrumentation Shield/Line Driver
10
7
6
100
INPUT
51
9
12
5
1
CASE
11
100
LH0033
V -
V +
High Input Impedance Comparator with Offset Adjust
+
-
+
-
10
11
9
12
1
5
LH0033
LM711
5
3
4
7
6
10
OFFSET
ADJUST
7
INPUT
NO GO = LOGIC "1"
GO = LOGIC "0"
V
L.L.
V +
V +
V -
V -
V
U.L.
TYPICAL APPLICATIONS (Continued)


Similar Part No. - LH0033_15

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LH0033C CALOGIC-LH0033C Datasheet
92Kb / 9P
   Fast Buffer
LH0033C CALOGIC-LH0033C Datasheet
105Kb / 9P
   Fast Buffer
LH0033CG CALOGIC-LH0033CG Datasheet
105Kb / 9P
   Fast Buffer
LH0033G CALOGIC-LH0033G Datasheet
105Kb / 9P
   Fast Buffer
More results

Similar Description - LH0033_15

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
LH0033CG CALOGIC-LH0033CG Datasheet
105Kb / 9P
   Fast Buffer
LH0033 CALOGIC-LH0033 Datasheet
92Kb / 9P
   Fast Buffer
logo
National Semiconductor ...
LH4008 NSC-LH4008 Datasheet
219Kb / 7P
   Fast Buffer
LH4009 NSC-LH4009 Datasheet
193Kb / 7P
   FAST BUFFER
LH4010 NSC-LH4010 Datasheet
236Kb / 8P
   FAST FET BUFFER
logo
Elantec Semiconductor
ELH0033G ELANTEC-ELH0033G Datasheet
242Kb / 12P
   Fast Buffer Amplifier
logo
National Semiconductor ...
LH4033C NSC-LH4033C Datasheet
331Kb / 11P
   FAST AND ULTRA FAST BUFFER AMPLIFIERS
logo
Maxim Integrated Produc...
MAX460 MAXIM-MAX460 Datasheet
254Kb / 6P
   High Accuracy Fast Buffer
logo
National Semiconductor ...
LH4011 NSC-LH4011 Datasheet
222Kb / 8P
   FAST OPEN LOOP BUFFER
logo
Maxim Integrated Produc...
LH0063 MAXIM-LH0063 Datasheet
236Kb / 6P
   Very Fast Buffer Amplifiers
19-0888; Rev 2; 2/93
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com