Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N163 Datasheet(PDF) 2 Page - Calogic, LLC

Part # 3N163
Description  P-Channel Enhancement Mode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

3N163 Datasheet(HTML) 2 Page - Calogic, LLC

  3N163_15 Datasheet HTML 1Page - Calogic, LLC 3N163_15 Datasheet HTML 2Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SWITCHING TIMES TEST CIRCUIT
0160
V
OUT
R
1
R
2
V
DD
50
0170
10%
10%
90%
10%
10%
on
t
r
t
SAMPLING SCOPE
INPUT PULSE
PULSE WIDTH
RISE TIME
IN
R
> 10M
> 200ns
< 2ns
r
t < 0.2ns
IN
C
< 2pF
off
t
3N163 / 3N164
LLC
ELECTRICAL CHARACTERISTICS (Continued) (TA = 25
oC and VBS = 0 unless otherwise specified)
SYMBOL
PARAMETER
3N163
3N164
UNITS
TEST CONDITIONS
MIN
MAX
MIN
MAX
gfs
Forward Transconductance
2000
4000
1000
4000
µS
VDS = -15V, ID = -10mA, f = 1kHz
gos
Output Admittance
250
250
Ciss
Input Capacitance - Output Shorted
2.5
2.5
pF
VDS = -15V, ID = -10mA, f = 1MHz
(Note 1)
Crss
Reverse Transfer Capacitance
0.7
0.7
Coss
Output Capacitance - Input Shorted
3.0
3.0
NOTE 1: For design reference only, not 100% tested.
SWITCHING CHARACTERISTICS (TA = 25
oC and VBS = 0 unless otherwise specified)
SYMBOL
PARAMETER
3N163
3N164
UNITS
TEST CONDITIONS
MIN
MAX
MIN
MAX
ton
Turn-On Delay Time
12
12
ns
VDD = -15V
ID(on) = -10mA (Note 1)
RG = RL = 1.4k
tr
Rise Time
24
24
toff
Turn-Off Delay Time
50
50
CALOG LLC, 237 WHITNEY PLACE, FREMONT, CA 94539, 510-656-2900 PHONE, 510-651-1076 FAX
DS017 REV A


Similar Part No. - 3N163_15

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N163 LINEAR-3N163_14 Datasheet
216Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 3N163_15

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP0808L-G SUTEX-VP0808L-G Datasheet
575Kb / 3P
   P-Channel Enhancement-Mode P-Channel Enhancement-Mode
logo
Advanced Power Electron...
AP3310H A-POWER-AP3310H Datasheet
86Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9563H A-POWER-AP9563H Datasheet
78Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4407S A-POWER-AP4407S Datasheet
79Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
AP4435M A-POWER-AP4435M Datasheet
85Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
AP9575H A-POWER-AP9575H Datasheet
77Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
logo
Unisonic Technologies
UT3401Z UTC-UT3401Z Datasheet
307Kb / 5P
   P-CHANNEL ENHANCEMENT MODE
UT4411 UTC-UT4411 Datasheet
267Kb / 6P
   P-CHANNEL ENHANCEMENT MODE
logo
Linear Integrated Syste...
3N163-4 LINEAR-3N163-4 Datasheet
18Kb / 2P
   P-CHANNEL ENHANCEMENT MODE
logo
Alpha & Omega Semicondu...
AO6409AL AOSMD-AO6409AL Datasheet
285Kb / 5P
   P-Channel Enhancement Mode
logo
Unisonic Technologies
UT9435 UTC-UT9435 Datasheet
192Kb / 4P
   P-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com