Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANTDP082-S1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANTDP082-S1A
Description  This is a Wideband, Outdoor rated antenna that operates in the 870 / 915 MHz ISM band
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANTDP082-S1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANTDP082-S1A Datasheet HTML 1Page - World Produts Inc. WPANTDP082-S1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
Created on: April 26, 2013
Created by: MKS
Approved by: BP
P age | 1
WPANTDP082-S1A
870 / 915 MHz ISM band Body-mount Antenna
Picture of the Antenna (3D Model)
Description / Application
This is a Wideband, Outdoor rated antenna that operates in the 870 / 915 MHz ISM band. It can be configured with different cable
and connector styles. Standard cable is 0.5 meter long RG316 with Right Angle SMA male connector. This antenna is at DC ground
for lightning protection.
WP Wireless can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
assist to trouble shoot system integration issues such as TRP/TIS and FCC requirements. WP Wireless specializes in developing
customized Antenna solutions. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
860 – 960 MHz
Approximate Antenna Impedance [
Ω]
50Ω
VSWR - Typical
< 2:1
Peak Gain [dBi] (Typical)
~ 2 dBi
Efficiency [%] (Typical)
~ 70%
Polarization
Linear
Pattern
Omni-directional
Accepted Power [W] (Max)
2 Watts
Lightning Protection
DC ground
Mechanical / Environmental Properties
Antenna Dimensions
4.0’’ X 1.38’’ (dia)
Antenna Color
Grey
Cable Type
RG316
Cable Length
0.5 meter
Connector
Right Angle SMA Male
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Salt Spray Resistant, Water Ingress Resistant, UV Resistant, Ageing
Resistant, Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANTDP082-S1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP081-S2C WPI-WPANTDP081-S2C Datasheet
193Kb / 6P
   870 / 915 MHz, 2.4 GHz & 5.6 GHz Combo True-Omni
WPANTDP084-R1A WPI-WPANTDP084-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 2.5 GHz LTE band
WPANTDP085-R1A WPI-WPANTDP085-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 3.5 GHz WiMAX band
WPANTDP086-R1A WPI-WPANTDP086-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 5.5 GHz Wi-Fi / WLAN band
WPANTDP087-R1A WPI-WPANTDP087-R1A Datasheet
71Kb / 2P
   This is a high gain Directional Panel antenna that operates in the 5.8 GHz Wi-Fi / WLAN band
More results

Similar Description - WPANTDP082-S1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANTDP088-R1A WPI-WPANTDP088-R1A Datasheet
74Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 2.6 GHz WiMAX band
WPANTDP084-R1A WPI-WPANTDP084-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 2.5 GHz LTE band
WPANTDP085-R1A WPI-WPANTDP085-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 3.5 GHz WiMAX band
WPANTDP036 WPI-WPANTDP036 Datasheet
864Kb / 8P
   WPANTDP036 Antenna is a 915 MHz ISM band Omni Directional Stubby Antenna
logo
Taoglas antenna solutio...
IS05B301111 TAOGLAS-IS05B301111 Datasheet
1Mb / 18P
   915 MHz Hercules ISM Band Antenna
logo
World Produts Inc.
WPANTDP089-R1A WPI-WPANTDP089-R1A Datasheet
74Kb / 2P
   This is a high gain 2x4 MIMO Panel antenna that operates in the 2.6 GHz WiMAX band
WPANTDP086-R1A WPI-WPANTDP086-R1A Datasheet
88Kb / 2P
   This is a high gain MIMO Panel antenna that operates in the 5.5 GHz Wi-Fi / WLAN band
WPANTDP087-R1A WPI-WPANTDP087-R1A Datasheet
71Kb / 2P
   This is a high gain Directional Panel antenna that operates in the 5.8 GHz Wi-Fi / WLAN band
logo
Anaren Microwave
A8520E24A91 ANAREN-A8520E24A91 Datasheet
958Kb / 2P
   Operates in the 2.4GHz ISM band
logo
Taoglas antenna solutio...
ISA05A033822 TAOGLAS-ISA05A033822 Datasheet
1Mb / 15P
   915 MHz ISM Band Adhesive Mounted Patch Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com