Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJH60V3BDPP-M0 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJH60V3BDPP-M0
Description  600V - 17A - IGBT Application: Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60V3BDPP-M0 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJH60V3BDPP-M0_15 Datasheet HTML 1Page - Renesas Technology Corp RJH60V3BDPP-M0_15 Datasheet HTML 2Page - Renesas Technology Corp RJH60V3BDPP-M0_15 Datasheet HTML 3Page - Renesas Technology Corp RJH60V3BDPP-M0_15 Datasheet HTML 4Page - Renesas Technology Corp RJH60V3BDPP-M0_15 Datasheet HTML 5Page - Renesas Technology Corp RJH60V3BDPP-M0_15 Datasheet HTML 6Page - Renesas Technology Corp RJH60V3BDPP-M0_15 Datasheet HTML 7Page - Renesas Technology Corp RJH60V3BDPP-M0_15 Datasheet HTML 8Page - Renesas Technology Corp RJH60V3BDPP-M0_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RJH60V3BDPP-M0
Preliminary
R07DS0761EJ0100 Rev.1.00
Page 5 of 9
May 25, 2012
1100
10
1
100
10
1100
10
1
100
10
Gate Registance Rg (
Ω)
(Inductive load)
Gate Registance Rg (
Ω)
(Inductive load)
Collector Current IC (A)
(Inductive load)
Switching Characteristics (Typical) (1)
Switching Characteristics (Typical) (2)
Switching Characteristics (Typical) (3)
Switching Characteristics (Typical) (4)
Collector Current IC (A)
(Inductive load)
0.1
1
0.01
10
100
1000
td(off)
td(on)
tf
tr
VCC = 300 V, VGE = 15 V
IC = 17 A, Tc = 150°C
VCC = 300 V, VGE = 15 V
IC = 17 A, Tc = 150°C
Eoff
Eon
VCC = 300 V, VGE = 15 V
Rg = 5
Ω, Tc = 150°C
10
1
0.1
0.01
Eoff
Eon
1
100
10
1000
VCC = 300 V, VGE = 15 V
Rg = 5
Ω, Tc = 150°C
td(off)
td(on)
tf
tr
10
100
1000
50
25
150
75
125
100
Switching Characteristics (Typical) (5)
td(on)
Case Temperature Tc (°C)
(Inductive load)
VCC = 300 V, VGE = 15 V
IC = 17 A, Rg = 5 Ω
tf
td(off)
tr
0.01
0.1
1
50
25
150
75
125
100
Case Temperature Tc (°C)
(Inductive load)
Switching Characteristics (Typical) (6)
Eoff
Eon
VCC = 300 V, VGE = 15 V
IC =17 A, Rg = 5 Ω


Similar Part No. - RJH60V3BDPP-M0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60V3BDPP-M0 RENESAS-RJH60V3BDPP-M0 Datasheet
103Kb / 10P
   600V - 17A - IGBT Application: Inverter
May 25, 2012
More results

Similar Description - RJH60V3BDPP-M0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D3DPE RENESAS-RJH60D3DPE_15 Datasheet
107Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60V3BDPP-M0 RENESAS-RJH60V3BDPP-M0 Datasheet
103Kb / 10P
   600V - 17A - IGBT Application: Inverter
May 25, 2012
RJH60M3DPP-M0 RENESAS-RJH60M3DPP-M0_15 Datasheet
105Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60V3BDPE RENESAS-RJH60V3BDPE_15 Datasheet
99Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0_15 Datasheet
108Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60M3DPE RENESAS-RJH60M3DPE_15 Datasheet
100Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60M3DPQ-E0 RENESAS-RJH60M3DPQ-E0 Datasheet
212Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60V3BDPE RENESAS-RJH60V3BDPE Datasheet
98Kb / 10P
   600V - 17A - IGBT Application: Inverter
May 25, 2012
RJH60M3DPQ-E0 RENESAS-RJH60M3DPQ-E0_15 Datasheet
212Kb / 10P
   600V - 17A - IGBT
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
   600V - 12A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com