Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8128TA Datasheet(PDF) 1 Page - NEC

Part # UPC8128TA
Description  SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8128TA Datasheet(HTML) 1 Page - NEC

  UPC8128TA Datasheet HTML 1Page - NEC UPC8128TA Datasheet HTML 2Page - NEC UPC8128TA Datasheet HTML 3Page - NEC UPC8128TA Datasheet HTML 4Page - NEC UPC8128TA Datasheet HTML 5Page - NEC UPC8128TA Datasheet HTML 6Page - NEC UPC8128TA Datasheet HTML 7Page - NEC UPC8128TA Datasheet HTML 8Page - NEC UPC8128TA Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Caution Electro-static sensitive devices
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUITS
PPPPPC8128TA, PPPPPC8151TA, PPPPPC8152TA
SILICON MMIC LOW CURRENT AMPLIFIERS
FOR CELLULAR/CORDLESS TELEPHONES
Document No. P14637EJ1V0DS00 (1st edition)
Date Published April 2000 N CP(K)
Printed in Japan
PRELIMINARY DATA SHEET
2000
©
DESCRIPTION
The
PPC8128TA, PPC8151TA and PPC8152TA are silicon monolithic integrated circuits designed as buffer
amplifiers for cellular / cordless telephones. These amplifiers can realize low current consumption with external chip
inductor (example: 1005 size) which can not be realized on internal 50
: wideband matched IC. These low current
amplifiers operate on 3.0 V.
These ICs are manufactured using NEC’s 20 GHz fT NESAT™ III silicon bipolar process. This process uses
silicon nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution
and prevent corrosion/migration. Thus, these ICs have excellent performance, uniformity and reliability.
FEATURES
Low current consumption
:
PPC8128TA
; ICC = 2.8 mA TYP. @ VCC = 3.0 V
PPC8151TA
; ICC = 4.2 mA TYP. @ VCC = 3.0 V
PPC8152TA
; ICC = 5.6 mA TYP. @ VCC = 3.0 V
Supply voltage
: VCC = 2.4 to 3.3 V
High efficiency
:
PPC8128TA
; PO (1 dB) =
ð4.0 dBm TYP. @ f = 1 GHz
PPC8151TA
; PO (1 dB) = +2.5 dBm TYP. @ f = 1 GHz
PPC8152TA
; PO (1 dB) =
ð4.5 dBm TYP. @ f = 1 GHz
Power gain variation
:
PPC8128TA, 8151TA ; GP = 12.5 dB TYP. @ f = 1 GHz
PPC8152TA
; GP = 23.0 dB TYP. @ f = 1 GHz
Operating frequency
: 100 to 1 900 MHz (Output port LC matching)
Excellent isolation
:
PPC8128TA
; ISL = 39 dB TYP. @ f = 1 GHz
:
PPC8151TA
; ISL = 38 dB TYP. @ f = 1 GHz
:
PPC8152TA
; ISL = 40 dB TYP. @ f = 1 GHz
APPLICATION
Buffer Amplifiers on 800 to 1 900 MHz cellular / cordless telephones


Similar Part No. - UPC8128TA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8128TA RENESAS-UPC8128TA Datasheet
448Kb / 54P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2000
UPC8128TA-E3 RENESAS-UPC8128TA-E3 Datasheet
448Kb / 54P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2000
More results

Similar Description - UPC8128TA

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8128TB NEC-UPC8128TB Datasheet
287Kb / 52P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
logo
California Eastern Labs
UPC8151TB CEL-UPC8151TB Datasheet
206Kb / 10P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR CELLULAR/CORDLESS TELEPHONES
logo
NEC
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Sanyo Semicon Device
LA8638V SANYO-LA8638V Datasheet
399Kb / 16P
   Low-voltage Compander IC for Cordless Telephones
logo
NEC
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8112TB NEC-UPC8112TB Datasheet
125Kb / 5P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
logo
CML Microcircuits
MX118 CMLMICRO-MX118 Datasheet
368Kb / 7P
   FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
logo
NXP Semiconductors
PCD5032 PHILIPS-PCD5032 Datasheet
136Kb / 24P
   ADPCM CODEC for digital cordless telephones
1997 Apr 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com