Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2402 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2402
Description  Dual Audio Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2402 Datasheet(HTML) 3 Page - Analog Devices

  SSM2402_15 Datasheet HTML 1Page - Analog Devices SSM2402_15 Datasheet HTML 2Page - Analog Devices SSM2402_15 Datasheet HTML 3Page - Analog Devices SSM2402_15 Datasheet HTML 4Page - Analog Devices SSM2402_15 Datasheet HTML 5Page - Analog Devices SSM2402_15 Datasheet HTML 6Page - Analog Devices SSM2402_15 Datasheet HTML 7Page - Analog Devices SSM2402_15 Datasheet HTML 8Page - Analog Devices SSM2402_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SSM2402/SSM2412
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Operating Supply Voltage Range . . . . . . . . . . . . . . . . .
±20 V
Analog Input Voltage Range
Continuous . . . . . . . . . . . . . . V– +3.5 V
≤ V
A
≤ V+ –3.5 V
Maximum Current Through Switch . . . . . . . . . . . . . . 20 mA
Logic Input Voltage Range . . . . . . . . . . . . V+ Supply to –2 V
V+ Supply to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . +36 V
V– Supply to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . –20 V
VA to V– Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +36 V
Package Type
JA*
JC
Units
14-Pin Plastic DIP (P)
76
33
°C/W
16-Pin SOL (S)
92
27
°C/W
*
θ
JA is specified for worst case mounting conditions, i.e., θJA is specified for device
in socket for P-DIP package;
θ
JA is specified for device soldered to printed circuit
board for SOL package.
Timing Diagram
ORDERING GUIDE
Temperature
Package
Model
Range
Description
SSM2402P
–40
°C to +85°C
14-Pin Plastic DIP
SSM2402S
–40
°C to +85°C
16-Pin SOL
SSM2412P
–40
°C to +85°C
14-Pin Plastic DIP
SSM2412S
–40
°C to +85°C
16-Pin SOL
DICE CHARACTERISTICS
Die Size 0.105
× 0.097 Inch, 10,185 sq. mils
(2.667
× 2.464 mm, 6.57 sq. mm)
WAFER TEST LIMITS
Parameter
Symbol
Conditions
1
Limit
Units
POSITIVE SUPPLY CURRENT
+ISY
VIL = 0.8 V
7.5
mA max
NEGATIVE SUPPLY CURRENT
–ISY
VIL = 0.8 V
6.0
mA max
GROUND CURRENT
IGND
VIL = 0.8 V
1.5
mA max
LOGIC INPUT CURRENT
ILOGIC
VIN = 0 V
2
5.0
µA max
SWITCH ON RESISTANCE
RON
–14.2 V
≤ V
A
≤ +14.2 V
85
Ω max
IA =
±10 mA, V
IL = 2.0 V
RON MATCH BETWEEN SWITCHES
RON MATCH
–14.2 V
≤ V
A
≤ +14.2 V
5
% max
IA = ± 10 mA, VIL = 2.0 V
SWITCH ON LEAKAGE CURRENT
IS(ON)
–14.2 V
≤ V
A
≤ +14.2 V, V
IL = 2.0 V
1.0
µA max
SWITCH OFF LEAKAGE CURRENT
IS(OFF)
–14.2 V
≤ V
A
≤ +14.2 V, V
IL = 0.8 V
1.0
µA max
NOTES
1V
IL = Logic Control Input; VA = Applied Analog Input Voltage; I A = Applied Analog Input Current.
2Worst Case Condition.
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not
guaranteed for standard product dice. Consult factory to negotiate specifications based on dice lot qualifications through sample lot assembly and testing.


Similar Part No. - SSM2402_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2402P AD-SSM2402P Datasheet
322Kb / 12P
   Dual Audio Analog Switches
REV. A
SSM2402S AD-SSM2402S Datasheet
322Kb / 12P
   Dual Audio Analog Switches
REV. A
More results

Similar Description - SSM2402_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2412 AD-SSM2412_15 Datasheet
776Kb / 12P
   Dual Audio Analog Switches
SSM2402 AD-SSM2402 Datasheet
322Kb / 12P
   Dual Audio Analog Switches
REV. A
logo
Maxim Integrated Produc...
MAX4621 MAXIM-MAX4621 Datasheet
168Kb / 12P
   Dual, 5??Analog Switches
Rev 0; 8/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
logo
Pericom Semiconductor C...
PS320 PERICOM-PS320 Datasheet
102Kb / 5P
   Precision, Dual-Supply Analog Switches
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
   Dual, Wide Bandwidth Analog Switches
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
   Dual, Wide Bandwidth Analog Switches
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
Maxim Integrated Produc...
DG401 MAXIM-DG401 Datasheet
92Kb / 8P
   Improved, Dual, High-Speed Analog Switches
19-4727; Rev 2; 6/99
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
   Dual/Quad SPST, CMOS Analog Switches
October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com