Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR10PM-14LJ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR10PM-14LJ
Description  700V - 10A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10PM-14LJ Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR10PM-14LJ_15 Datasheet HTML 1Page - Renesas Technology Corp BCR10PM-14LJ_15 Datasheet HTML 2Page - Renesas Technology Corp BCR10PM-14LJ_15 Datasheet HTML 3Page - Renesas Technology Corp BCR10PM-14LJ_15 Datasheet HTML 4Page - Renesas Technology Corp BCR10PM-14LJ_15 Datasheet HTML 5Page - Renesas Technology Corp BCR10PM-14LJ_15 Datasheet HTML 6Page - Renesas Technology Corp BCR10PM-14LJ_15 Datasheet HTML 7Page - Renesas Technology Corp BCR10PM-14LJ_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BCR10PM-14LJ
Preliminary
R07DS0980EJ0100 Rev.1.00
Page 4 of 7
Dec 03, 2012
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
–40
0
40
80
120
160
Typical Example
0
20
40
80
60
100
120
140
160
Curves apply regardless
of conduction angle
360° Conduction
Resistive,
inductive loads
0
2
4
8
6
10
12
14
16
106
105
104
103
102
04
26
8
10
14
12
16
360° Conduction
Resistive,
inductive loads
Maximum Transient Thermal Impedance
Characteristics (Junction to ambient)
Conduction Time (Cycles at 60Hz)
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
0
20
40
80
60
100
120
140
160
0
0.5
1.0
1.5
3.0
2.5
2.0
Natural convection
No Fins
Curves apply regardless
of conduction angle
Resistive, inductive loads
60 60 t2.3
100 100 t2.3
02468
10
12
16
14
02468
10
12
16
14
0
20
40
80
60
100
120
140
160
All fins are black painted
aluminum and greased
No Fins
103
102
101
101
102
103
104
105
100
10−1
120 120 t2.3
Curves apply
regardless of
conduction angle
Resistive,
inductive loads
Natural convection


Similar Part No. - BCR10PM-14LJ_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10PM-14LJA8B00 RENESAS-BCR10PM-14LJA8B00 Datasheet
112Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10PM-14LJB00 RENESAS-BCR10PM-14LJB00 Datasheet
112Kb / 8P
   700V - 10A - Triac Medium Power Use
More results

Similar Description - BCR10PM-14LJ_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR10FM-14LJ RENESAS-BCR10FM-14LJ_15 Datasheet
105Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10FM-14LJ RENESAS-BCR10FM-14LJ Datasheet
105Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10LM-14LJ RENESAS-BCR10LM-14LJ Datasheet
110Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10PM-14LJ RENESAS-BCR10PM-14LJ Datasheet
112Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR10LM-14LJ RENESAS-BCR10LM-14LJ_15 Datasheet
110Kb / 8P
   700V - 10A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR16FM-14LJ RENESAS-BCR16FM-14LJ_15 Datasheet
112Kb / 8P
   700V - 16A - Triac Medium Power Use
BCR20FM-14LJ RENESAS-BCR20FM-14LJ_15 Datasheet
103Kb / 8P
   700V - 20A - Triac Medium Power Use
BCR12PM-14LJ RENESAS-BCR12PM-14LJ Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com