Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSM2164 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2164
Description  Low Cost Quad Voltage Controlled Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2164 Datasheet(HTML) 5 Page - Analog Devices

  SSM2164_15 Datasheet HTML 1Page - Analog Devices SSM2164_15 Datasheet HTML 2Page - Analog Devices SSM2164_15 Datasheet HTML 3Page - Analog Devices SSM2164_15 Datasheet HTML 4Page - Analog Devices SSM2164_15 Datasheet HTML 5Page - Analog Devices SSM2164_15 Datasheet HTML 6Page - Analog Devices SSM2164_15 Datasheet HTML 7Page - Analog Devices SSM2164_15 Datasheet HTML 8Page - Analog Devices SSM2164_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SSM2164
REV. 0
–5–
Figure 11. Voltage Noise Density vs. R
BIAS
Figure 8. THD vs. Temperature, Class A
Figure 9. THD vs. Temperature, Class AB
Figure 12. THD vs. R
BIAS
Figure 13. Control Feedthrough vs. R
BIAS
Figure 10. Voltage Noise Density vs. Frequency, Class AB
1000
100
10
1k
10k
1M
100k
RBIAS – Ω
VS = ±15V
TA = +25°C
1.0
0.1
0.01
1k
10k
1M
100k
RBIAS – Ω
VS = ±15V
TA = +25°C
0.030
0.025
0.020
0.015
0.010
–40
–20
0
20
40
60
80
TEMPERATURE –
°C
VS = ±15V
VIN = 0dBu
AV = 0dB
500
400
0
1
10
100k
10k
1k
100
300
200
100
FREQUENCY – Hz
VS = ±15V
RIN = RF = 30kΩ
TA = +25°C
0.30
0.25
0.20
0.15
0.10
–40
–20
0
20
40
60
80
TEMPERATURE –
°C
VS = ±15V
VIN = 0dBu
AV = 0dB
1k
10k
1M
100k
RBIAS – Ω
10
–5
–20
–10
–15
0
5
VS = ±15V
TA = +25°C


Similar Part No. - SSM2164_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2164P AD-SSM2164P Datasheet
330Kb / 12P
   Low Cost Quad Voltage Controlled Amplifier
REV. 0
SSM2164S AD-SSM2164S Datasheet
330Kb / 12P
   Low Cost Quad Voltage Controlled Amplifier
REV. 0
More results

Similar Description - SSM2164_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2164 AD-SSM2164 Datasheet
330Kb / 12P
   Low Cost Quad Voltage Controlled Amplifier
REV. 0
logo
National Semiconductor ...
CLC5644 NSC-CLC5644 Datasheet
153Kb / 9P
   Low-Power, Low-Cost, Quad Operational Amplifier
logo
JSC ALFA.
AS3364 ALFA-AS3364 Datasheet
488Kb / 3P
   Quad Voltage Linearly Controlled Amplifier (VCA)
AS2164 ALFA-AS2164 Datasheet
502Kb / 5P
   Quad voltage exponentially controlled amplifier (VCA)
logo
Analog Devices
AD8335 AD-AD8335 Datasheet
708Kb / 24P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. 0
AD8335 AD-AD8335_15 Datasheet
900Kb / 28P
   Quad Low Noise, Low Cost Variable Gain Amplifier
REV. B
logo
Z-Communications, Inc
CLV0750E ZCOMM-CLV0750E Datasheet
97Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV0868E ZCOMM-CLV0868E Datasheet
69Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV0905E ZCOMM-CLV0905E Datasheet
188Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
CLV0945E ZCOMM-CLV0945E Datasheet
66Kb / 2P
   LOW COST - HIGH PERFORMANCE VOLTAGE CONTROLLED OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com