Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR5FM-14LB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR5FM-14LB
Description  700V - 5A - Triac Medium Power Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR5FM-14LB Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR5FM-14LB_15 Datasheet HTML 1Page - Renesas Technology Corp BCR5FM-14LB_15 Datasheet HTML 2Page - Renesas Technology Corp BCR5FM-14LB_15 Datasheet HTML 3Page - Renesas Technology Corp BCR5FM-14LB_15 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BCR5FM-14LB
Preliminary
R07DS0957EJ0001 Rev.0.01
Page 3 of 3
Nov 28, 2012
Package Dimensions
5.08
± 0.20
3.18 ± 0.10
0.80
± 0.20
1.28 ± 0.30
2.76 ± 0.20
0.50
2.54
± 0.20
Max 1.47
10.16
± 0.20
Unit: mm
1.9g
MASS[Typ.]
PRSS0003AG-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
TO-220FP
Ordering Information
Orderable Part Number
Packing
Quantity
Remark
BCR5FM-14LB#BB0
Tube
50 pcs.
Straight type
BCR5FM-14LB-A8#BB0
Tube
50 pcs.
A8 Lead form
Note:
Please confirm the specification about the shipping in detail.


Similar Part No. - BCR5FM-14LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5FM-14LB-A8BB0 RENESAS-BCR5FM-14LB-A8BB0 Datasheet
62Kb / 4P
   700V - 5A - Triac Medium Power Use
BCR5FM-14LBBB0 RENESAS-BCR5FM-14LBBB0 Datasheet
62Kb / 4P
   700V - 5A - Triac Medium Power Use
More results

Similar Description - BCR5FM-14LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5PM-14LJ RENESAS-BCR5PM-14LJ Datasheet
117Kb / 8P
   700V - 5A - Triac Medium Power Use
BCR5LM-14LJ RENESAS-BCR5LM-14LJ_15 Datasheet
110Kb / 8P
   700V - 5A - Triac Medium Power Use
BCR5FM-14LB RENESAS-BCR5FM-14LB Datasheet
62Kb / 4P
   700V - 5A - Triac Medium Power Use
BCR5LM-14LJ RENESAS-BCR5LM-14LJ Datasheet
110Kb / 8P
   700V - 5A - Triac Medium Power Use
BCR5PM-14LJ RENESAS-BCR5PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 5A - Triac Medium Power Use
BCR5FM-14LJ RENESAS-BCR5FM-14LJ Datasheet
106Kb / 8P
   700V - 5A - Triac Medium Power Use
BCR5FM-14LJ RENESAS-BCR5FM-14LJ_15 Datasheet
106Kb / 8P
   700V - 5A - Triac Medium Power Use
BCR5FM-14LC RENESAS-BCR5FM-14LC Datasheet
512Kb / 9P
   700V - 5A - Triac Medium Power Use
Feb. 19, 2019
BCR12PM-14LJ RENESAS-BCR12PM-14LJ_15 Datasheet
111Kb / 8P
   700V - 12A - Triac Medium Power Use
BCR16PM-14LJ RENESAS-BCR16PM-14LJ_15 Datasheet
117Kb / 8P
   700V - 16A - Triac Medium Power Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com