Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INTERNET750U Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # INTERNET750U
Description  Internet Office 120V 750VA 450W Standby UPS,Ultra-Compact Desktop, USB port
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

INTERNET750U Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  INTERNET750U_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved INTERNET750U_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved INTERNET750U_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved INTERNET750U_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
Network UPS Tools Compatibility
NUT compatible. See the full list of Tripp Lite NUT compatible UPS systems at
http://www.networkupstools.org/stable-hcl.html?manufacturer=Tripp Lite
LINE / BATTERY TRANSFER
Transfer Time
2-4 milliseconds
Low Voltage Transfer to Battery
Power (Setpoint)
99
High Voltage Transfer to Battery
Power (Setpoint)
139
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
Green Energy-Saving Features
Greater than 95% efficiency - GREEN UPS
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category B (EMI)
WARRANTY
Product Warranty Period (U.S. &
Canada)
3-year limited warranty
Product Warranty Period (Latin
America)
3-year limited warranty
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
3-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$100,000 Ultimate Lifetime Insurance
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
4 / 4


Similar Part No. - INTERNET750U_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET750U ETC2-INTERNET750U Datasheet
510Kb / 6P
   Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET750U TRIPPLITE-INTERNET750U Datasheet
508Kb / 4P
   Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
More results

Similar Description - INTERNET750U_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
INTERNET750U ETC2-INTERNET750U Datasheet
510Kb / 6P
   Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET750U TRIPPLITE-INTERNET750U Datasheet
508Kb / 4P
   Internet Office 750VA Ultra-compact Standby 120V UPS with USB port
INTERNET900U TRIPPLITE-INTERNET900U_15 Datasheet
522Kb / 4P
   Internet Office 120V 900VA 480W Standby UPS,Ultra-Compact Desktop, USB port
logo
List of Unclassifed Man...
INTERNET350U ETC2-INTERNET350U Datasheet
499Kb / 6P
   Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET350U TRIPPLITE-INTERNET350U Datasheet
497Kb / 4P
   Internet Office 350VA Ultra-compact Standby 120V UPS with USB port
logo
List of Unclassifed Man...
INTERNET550U ETC2-INTERNET550U Datasheet
523Kb / 6P
   Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET600U TRIPPLITE-INTERNET600U Datasheet
521Kb / 4P
   Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
logo
List of Unclassifed Man...
INTERNET600U ETC2-INTERNET600U Datasheet
522Kb / 5P
   Internet Office 600VA Ultra-compact Standby 120V UPS with USB port
logo
Tripp Lite. All Rights ...
INTERNET550U TRIPPLITE-INTERNET550U Datasheet
520Kb / 4P
   Internet Office 550VA Ultra-compact Standby 120V UPS with USB port
INTERNET900TAA TRIPPLITE-INTERNET900TAA_15 Datasheet
525Kb / 4P
   TAA-Compliant Internet Office 120V 900VA 480W Standby UPS, Ultra-Compact Desktop, USB port
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com