Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP497 Datasheet(PDF) 1 Page - Analog Devices

Part # OP497
Description  Precision Picoampere Input Current Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP497 Datasheet(HTML) 1 Page - Analog Devices

  OP497_15 Datasheet HTML 1Page - Analog Devices OP497_15 Datasheet HTML 2Page - Analog Devices OP497_15 Datasheet HTML 3Page - Analog Devices OP497_15 Datasheet HTML 4Page - Analog Devices OP497_15 Datasheet HTML 5Page - Analog Devices OP497_15 Datasheet HTML 6Page - Analog Devices OP497_15 Datasheet HTML 7Page - Analog Devices OP497_15 Datasheet HTML 8Page - Analog Devices OP497_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Precision Picoampere Input Current
Quad Operational Amplifier
OP497
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1991–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 75 μV maximum
Low offset voltage drift: 1.0 μV/°C maximum
Very low bias current
25°C: 150 pA maximum
−40°C to +85°C: 300 pA maximum
Very high open-loop gain: 2000 V/mV minimum
Low supply current (per amplifier): 625 μA maximum
Operates from ±2 V to ±20 V supplies
High common-mode rejection: 114 dB minimum
APPLICATIONS
Strain gage and bridge amplifiers
High stability thermocouple amplifiers
Instrumentation amplifiers
Photocurrent monitors
High gain linearity amplifiers
Long-term integrators/filters
Sample-and-hold amplifiers
Peak detectors
Logarithmic amplifiers
Battery-powered systems
GENERAL DESCRIPTION
The OP497 is a quad op amp with precision performance in
the space-saving, industry standard 16-lead SOlC package.
Its combination of exceptional precision with low power and
extremely low input bias current makes the quad OP497 useful
in a wide variety of applications.
Precision performance of the OP497 includes very low offset
(<50 μV) and low drift (<0.5 μV/°C). Open-loop gain exceeds
2000 V/mV ensuring high linearity in every application. Errors
due to common-mode signals are eliminated by its common-
mode rejection of >120 dB. The OP497 has a power supply
rejection of >120 dB which minimizes offset voltage changes
experienced in battery-powered systems. The supply current
of the OP497 is <625 μA per amplifier, and it can operate with
supply voltages as low as ±2 V.
The OP497 uses a superbeta input stage with bias current
cancellation to maintain picoamp bias currents at all temperatures.
This is in contrast to FET input op amps whose bias currents
start in the picoamp range at 25°C but double for every 10°C
rise in temperature to reach the nanoamp range above 85°C.
The input bias current of the OP497 is <100 pA at 25°C.
PIN CONNECTIONS
OUT A
1
–IN A
2
+IN A
3
V+
4
OUT D
16
–IN D
15
+IN D
14
V–
13
+IN B
5
–IN B
6
OUT B
NC
7
+IN C
12
–IN C
11
OUT C
NC
10
8
9
OP497
NC = NO CONNECT
Figure 1. 16-Lead Wide Body SOIC (RW-16)
OUT A
1
–IN A
2
+IN A
3
V+
4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B
5
–IN B
6
OUT B
7
+IN C
10
–IN C
9
OUT C
8
OP497
Figure 2. 14-Lead PDIP (N-14)
1k
100
10
+IB
IOS
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
VS = ±15V
VCM = 0V
–IB
Figure 3. Input Bias, Offset Current vs. Temperature
Combining precision, low power, and low bias current, the OP497
is ideal for a number of applications, including instrumentation
amplifiers, log amplifiers, photodiode preamplifiers, and long-
term integrators. For a single device, see the OP97 data sheet,
and for a dual device, see the OP297 data sheet.


Similar Part No. - OP497_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP497 AD-OP497_17 Datasheet
283Kb / 17P
   Precision Picoampere Input Current Quad Operational Amplifier
More results

Similar Description - OP497_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP497GSZ AD-OP497GSZ Datasheet
322Kb / 16P
   Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP497 AD-OP497_17 Datasheet
283Kb / 17P
   Precision Picoampere Input Current Quad Operational Amplifier
5962-9452101M2A AD-5962-9452101M2A Datasheet
322Kb / 16P
   Precision Picoampere Input Current Quad Operational Amplifier
Rev. E
OP-497 AD-OP-497 Datasheet
524Kb / 12P
   PRECISION PICOAMPERE INPUT CURRENT QUAD OPERATIONAL AMPLIFIER
REV. C
OP497 AD-OP497 Datasheet
302Kb / 12P
   Precision Picoampere Input Current Quad Operational Amplifier
REV. D
OP12 AD-OP12 Datasheet
147Kb / 4P
   Precision Low-Input Current Operational Amplifier
logo
List of Unclassifed Man...
OP-08 ETC1-OP-08 Datasheet
351Kb / 7P
   PRECISION LOW-INPUT-CURRENT OPERATIONAL AMPLIFIER
logo
Analog Devices
AD704AR-16 AD-AD704AR-16 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704 AD-AD704_15 Datasheet
267Kb / 16P
   Picoampere Input Current Quad Bipolar Op Amp
Rev. E
AD704 AD-AD704 Datasheet
397Kb / 8P
   Quad Picoampere Input Current Bipolar Op Amp
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com