Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40EPS08 Datasheet(PDF) 1 Page - International Rectifier

Part # 40EPS08
Description  INPUT RECTIFIER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

40EPS08 Datasheet(HTML) 1 Page - International Rectifier

  40EPS08 Datasheet HTML 1Page - International Rectifier 40EPS08 Datasheet HTML 2Page - International Rectifier 40EPS08 Datasheet HTML 3Page - International Rectifier 40EPS08 Datasheet HTML 4Page - International Rectifier 40EPS08 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
I
F(AV) Sinusoidal
waveform
V
RRM
800 - 1200
V
I
FSM
475
A
V
F
@20A, T
J = 25°C
1.0
V
T
J
- 40 to 150
°C
Characteristics
40EPS..
Units
40
A
Major Ratings and Characteristics
TO-247AC (Modified)
Description/Features
The 40EPS.. rectifier
SAFE
IR series has been optimized
for very low forward voltage drop, with moderate leakage.
The glass passivation technology used has reliable opera-
tion up to 150° C junction temperature.
Typical applications are in input rectification and these
products are designed to be used with International
Rectifier Switches and Output Rectifiers which are available
in identical package outlines.
Package Outline
INPUT RECTIFIER DIODE
1
Bulletin I2104 rev. B 10/01
V
F
< 1V @ 20A
I
FSM = 475A
V
RRM 800 - 1200V
SAFE
IR Series
40EPS12
Range (*)
www.irf.com


Similar Part No. - 40EPS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40EPS08 VISHAY-40EPS08 Datasheet
154Kb / 6P
   Input Rectifier Diode, 40 A
Revision: 06-Jun-08
logo
Inchange Semiconductor ...
40EPS08 ISC-40EPS08 Datasheet
283Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
40EPS08PBF IRF-40EPS08PBF Datasheet
93Kb / 5P
   INPUT RECTIFIER DIODE
logo
Vishay Siliconix
40EPS08PBF VISHAY-40EPS08PBF Datasheet
154Kb / 6P
   Input Rectifier Diode, 40 A
Revision: 06-Jun-08
logo
International Rectifier
40EPS08PBF IRF-40EPS08PBF Datasheet
98Kb / 5P
   INPUT RECTIFIER DIODE Lead-Free
More results

Similar Description - 40EPS08

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10ETS IRF-10ETS Datasheet
70Kb / 5P
   INPUT RECTIFIER DIODE
20ETS16S IRF-20ETS16S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
10ETS12 IRF-10ETS12 Datasheet
165Kb / 7P
   INPUT RECTIFIER DIODE
80EPS IRF-80EPS Datasheet
80Kb / 6P
   INPUT RECTIFIER DIODE
logo
Inchange Semiconductor ...
10ETS08S ISC-10ETS08S Datasheet
264Kb / 2P
   Input Rectifier Diode
10ETS12S ISC-10ETS12S Datasheet
263Kb / 2P
   Input Rectifier Diode
10ETS08F ISC-10ETS08F Datasheet
266Kb / 2P
   Input Rectifier Diode
10ETS10 ISC-10ETS10 Datasheet
263Kb / 2P
   Input Rectifier Diode
logo
International Rectifier
80EPSPBF IRF-80EPSPBF Datasheet
102Kb / 6P
   INPUT RECTIFIER DIODE
20ETS08SPBF IRF-20ETS08SPBF Datasheet
176Kb / 7P
   INPUT RECTIFIER DIODE
25ETS08S IRF-25ETS08S Datasheet
142Kb / 7P
   INPUT RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com