Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIN213CA Datasheet(PDF) 11 Page - Intersil Corporation

Part # HIN213CA
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN213CA Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HIN213CA Datasheet HTML 7Page - Intersil Corporation HIN213CA Datasheet HTML 8Page - Intersil Corporation HIN213CA Datasheet HTML 9Page - Intersil Corporation HIN213CA Datasheet HTML 10Page - Intersil Corporation HIN213CA Datasheet HTML 11Page - Intersil Corporation HIN213CA Datasheet HTML 12Page - Intersil Corporation HIN213CA Datasheet HTML 13Page - Intersil Corporation HIN213CA Datasheet HTML 14Page - Intersil Corporation HIN213CA Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
Die Characteristics
DIE DIMENSIONS:
160 mils x 140 mils
METALLIZATION:
Type: Al
Thickness: 10k
Å ±1kÅ
SUBSTRATE POTENTIAL
V+
PASSIVATION:
Type: Nitride over Silox
Nitride Thickness: 8k
Å
Silox Thickness: 7k
Å
TRANSISTOR COUNT:
238
PROCESS:
CMOS Metal Gate
Metallization Mask Layout
HIN211
T3OUT
T1OUT
T2OUT
R2IN
R2OUT T2IN T1IN R1OUT
R1IN GND
VCC
C1+
V+
C1-
C2+
C2-
V-
R5IN
R5OUT
T3IN
T4IN
R4OUT
R4IN
EN
SHD
T4OUT
R3IN
R3OUT
HIN202, HIN206, HIN207, HIN208, HIN211, HIN213


Similar Part No. - HIN213CA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN213CA INTERSIL-HIN213CA Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN213CA HARRIS-HIN213CA Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN213CA INTERSIL-HIN213CA Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN213CA-T INTERSIL-HIN213CA-T Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN213CAZ INTERSIL-HIN213CAZ Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN213CA

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HIN200 HARRIS-HIN200 Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN201 INTERSIL-HIN201 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202CPZ INTERSIL-HIN202CPZ Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com