Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25TTS08STRR Datasheet(PDF) 5 Page - International Rectifier

Part # 25TTS08STRR
Description  SURFACE MOUNTABLE PHASE CONTROL SCR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25TTS08STRR Datasheet(HTML) 5 Page - International Rectifier

  25TTS08STRR Datasheet HTML 1Page - International Rectifier 25TTS08STRR Datasheet HTML 2Page - International Rectifier 25TTS08STRR Datasheet HTML 3Page - International Rectifier 25TTS08STRR Datasheet HTML 4Page - International Rectifier 25TTS08STRR Datasheet HTML 5Page - International Rectifier 25TTS08STRR Datasheet HTML 6Page - International Rectifier 25TTS08STRR Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
25TTS.. S Series
Fig. 7 - On-state Voltage Drop Characteristics
Fig. 8 - Gate Characteristics
Fig. 9 - Thermal Impedance Z
thJC
Characteristics
1
10
100
1000
01234
5
T = 25°C
J
T = 125°C
J
25TTS.. Series
Instantaneous On-state Voltage (V)
0.1
1
10
100
0.001
0.01
0.1
1
10
100
(b)
(a)
Rectangular gate pulse
(4)
(3)
(2) (1)
Instantaneous Gate Current (A)
b)Recommended load line for
VGD
IGD
Frequency Limited by PG(AV)
25TTS..
a)Recommended load line for
rated di/dt: 10 V, 20 ohms
tr = 0.5 µs, tp >= 6 µs
<= 30% rated di/dt: 10 V, 65 ohms
tr = 1 µs, tp >= 6 µs
(1) PGM = 40 , tp = 1 ms
(2) PGM = 20 W, tp = 2 ms
(3) PGM = 8 W, tp = 5 ms
(4) PGM = 4 W, tp = 10 ms
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)
25TTS.. Series
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - 25TTS08STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25TTS08STRR IRF-25TTS08STRR Datasheet
189Kb / 8P
   SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
25TTS08STRRPBF VISHAY-25TTS08STRRPBF Datasheet
612Kb / 8P
   Surface Mountable Phase Control SCR, 16 A
Revision: 09-Jun-10
More results

Similar Description - 25TTS08STRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16TTS IRF-16TTS Datasheet
119Kb / 8P
   SURFACE MOUNTABLE PHASE CONTROL SCR
25TTS16S IRF-25TTS16S Datasheet
189Kb / 8P
   SURFACE MOUNTABLE PHASE CONTROL SCR
10TTS08S IRF-10TTS08S Datasheet
85Kb / 8P
   SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
16TTS08SPBF VISHAY-16TTS08SPBF_10 Datasheet
627Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 08-Jun-10
16TTS16SPBF VISHAY-16TTS16SPBF_10 Datasheet
165Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 16-Jul-10
10TTS08S VISHAY-10TTS08S_V01 Datasheet
104Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
18-Jul-08
16TTS16SPBF VISHAY-16TTS16SPBF Datasheet
141Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 04-Jul-08
25TTSS VISHAY-25TTSS Datasheet
146Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 20-Jun-08
16TTS08S VISHAY-16TTS08S Datasheet
142Kb / 7P
   Surface Mountable Phase Control SCR, 16 A
Revision: 04-Jul-08
10TTS08S VISHAY-10TTS08S Datasheet
121Kb / 7P
   Surface Mountable Phase Control SCR, 10 A
Revision: 19-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com