Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIN211CB Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIN211CB
Description  5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIN211CB Datasheet(HTML) 4 Page - Intersil Corporation

  HIN211CB Datasheet HTML 1Page - Intersil Corporation HIN211CB Datasheet HTML 2Page - Intersil Corporation HIN211CB Datasheet HTML 3Page - Intersil Corporation HIN211CB Datasheet HTML 4Page - Intersil Corporation HIN211CB Datasheet HTML 5Page - Intersil Corporation HIN211CB Datasheet HTML 6Page - Intersil Corporation HIN211CB Datasheet HTML 7Page - Intersil Corporation HIN211CB Datasheet HTML 8Page - Intersil Corporation HIN211CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
HIN207 (SOIC, SSOP)
TOP VIEW
HIN208 (SOIC)
TOP VIEW
Pinouts (Continued)
T3OUT
T1OUT
T2OUT
R1IN
R1OUT
T2IN
T1IN
GND
VCC
C1+
V+
C1-
T4OUT
R2OUT
T5IN
T5OUT
T4IN
R3OUT
V-
C2-
C2+
R2IN
T3IN
R3IN
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
T2OUT
T1OUT
R2IN
R2OUT
T1IN
R1OUT
R1IN
GND
VCC
C1+
V+
C1-
T3OUT
R3OUT
T4IN
T4OUT
T3IN
R4OUT
V-
C2-
C2+
R3IN
T2IN
R4IN
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
9
VCC
+5V TO 10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
T1OUT
T2OUT
T3OUT
T4OUT
T4IN
T1IN
T2IN
T3IN
T1
T2
T3
T4
+5V
+
0.1
µF
+
0.1
µF
+
0.1
µF
7
6
2
3
18
1
19
24
10
12
11
15
V+
V-
C1+
C1-
C2+
C2-
+5V
400k
+5V
400k
+5V
400k
+5V
400k
+
0.1
µF
13
14
R1OUT
R1IN
R1
4
5
5k
R2OUT
R2IN
R2
23
22
5k
R3OUT
R3IN
R3
16
17
5k
T5OUT
T5IN
T5
21
20
+5V
400k
GND
8
9
VCC
+5V TO 10V
VOLTAGE DOUBLER
+10V TO -10V
VOLTAGE INVERTER
T1OUT
T2OUT
T3OUT
T4OUT
T4IN
T1IN
T2IN
T3IN
T1
T2
T3
T4
+5V
+
0.1
µF
+
0.1
µF
+
0.1
µF
5
18
2
1
19
24
21
20
10
12
11
15
V+
V-
C1+
C1-
C2+
C2-
+5V
400k
+5V
400k
+5V
400k
+5V
400k
+
0.1
µF
13
14
R1OUT
R1IN
R1
7
6
5k
R2OUT
R2IN
R2
3
4
5k
R3OUT
R3IN
R3
23
22
5k
R4OUT
R4IN
R4
16
17
5k
GND
8
HIN202, HIN206, HIN207, HIN208, HIN211, HIN213


Similar Part No. - HIN211CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN211CB INTERSIL-HIN211CB Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Harris Corporation
HIN211CB HARRIS-HIN211CB Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN211CB INTERSIL-HIN211CB Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN211CB-T INTERSIL-HIN211CB-T Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN211CBZ INTERSIL-HIN211CBZ Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
More results

Similar Description - HIN211CB

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HIN200 HARRIS-HIN200 Datasheet
158Kb / 14P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Renesas Technology Corp
HIN202 RENESAS-HIN202 Datasheet
959Kb / 20P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN201 INTERSIL-HIN201 Datasheet
203Kb / 13P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN202CPZ INTERSIL-HIN202CPZ Datasheet
484Kb / 19P
   5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
   5V Powered RS-232 Transmitters/Receivers
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
   5V Powered RS-232 Transmitters/Receivers
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
   5V Powered RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
   5V Powered RS-232 Transmitters/Receivers
logo
Intersil Corporation
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
   High Speed 5V Powered RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com