Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

301U Datasheet(PDF) 1 Page - International Rectifier

Part # 301U
Description  STANDARD RECOVERY DIODES Stud Version
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

301U Datasheet(HTML) 1 Page - International Rectifier

  301U Datasheet HTML 1Page - International Rectifier 301U Datasheet HTML 2Page - International Rectifier 301U Datasheet HTML 3Page - International Rectifier 301U Datasheet HTML 4Page - International Rectifier 301U Datasheet HTML 5Page - International Rectifier 301U Datasheet HTML 6Page - International Rectifier 301U Datasheet HTML 7Page - International Rectifier 301U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
301U(R)
80 to 200
250
Features
Wide current range
High voltage ratings up to 2500V
High surge current capabilities
Stud cathode and stud anode version
Typical Applications
Converters
Power supplies
Machine tool controls
High power drives
Medium traction applications
Parameters
Units
I
F(AV)
330
300
A
@ T
C
120
120
°C
I
F(RMS)
520
470
A
I
FSM
@ 50Hz
8250
6050
A
@ 60Hz
8640
6335
A
I2t@ 50Hz
340
183
KA2s
@ 60Hz
311
167
KA2s
V
RRM
range
800 to 2000
2500
V
T
J
- 40 to 180
- 40 to 180
°C
Major Ratings and Characteristics
case style
DO-205AB (DO-9)
301U(R) SERIES
STANDARD RECOVERY DIODES
Stud Version
300A
Bulletin I2032/A
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - 301U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
301U IRF-301U Datasheet
267Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
301U VISHAY-301U Datasheet
175Kb / 8P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 23-Jun-08
logo
New Jersey Semi-Conduct...
301U NJSEMI-301U Datasheet
120Kb / 2P
   Standard Recovery Diodes
301U100 NJSEMI-301U100 Datasheet
149Kb / 1P
   Standard Recovery
301U100 NJSEMI-301U100 Datasheet
149Kb / 1P
   Standard Recovery
More results

Similar Description - 301U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com