Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCL4148 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # MCL4148
Description  150mA Surface Mount Fast Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MCL4148 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  MCL4148 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MCL4148 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
Figure 1. Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
16641
MCL 4148
Scattering Limit
Tj = 25 °C
Figure 2. Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
16643
MCL 4448
Scattering Limit
Tj =25
°C
Figure 3. Reverse Current vs. Reverse Voltage
1
10
100
1000
VR -Reverse Voltage (V)
10
1
100
94 9098
Tj = 25 °C
Scattering Limit
Figure 4. Diode Capacitance vs. Reverse Voltage
0.1
1
10
0
0.5
1.0
1.5
2.0
3.0
100
94 9099
2.5
VR -Reverse Voltage (V)
T
f=1MHz
j = 25 °C
Figure 5. Board for RthJA definition (in mm)
25
2.5
10
0.71
1.3
1.27
9.9
24
0.152
0.355
95 10329


Similar Part No. - MCL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCL4148 VISHAY-MCL4148 Datasheet
59Kb / 5P
   Silicon Epitaxial Planar Diodes
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
MCL4148 RECTRON-MCL4148 Datasheet
65Kb / 1P
   Micro MELF SWITCHING Diode
logo
CHENG-YI ELECTRONIC CO....
MCL4148 CHENG-YI-MCL4148 Datasheet
85Kb / 4P
   SURFACE MOUNT SMALL SIGNAL DIODE
logo
Formosa MS
MCL4148 FORMOSA-MCL4148 Datasheet
313Kb / 3P
   High-speed switching diode
logo
Vishay Siliconix
MCL4148 VISHAY-MCL4148 Datasheet
156Kb / 5P
   Small Signal Fast Switching Diodes
Rev. 2.0, 20-Aug-10
More results

Similar Description - MCL4148

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
LL4154 SUNMATE-LL4154 Datasheet
79Kb / 2P
   150mA Surface Mount Fast Switching Diode
LL4148 SUNMATE-LL4148 Datasheet
77Kb / 2P
   150mA Surface Mount Fast Switching Diode
LL4150 SUNMATE-LL4150 Datasheet
70Kb / 2P
   150mA Surface Mount Fast Switching Diode
LS4148 SUNMATE-LS4148 Datasheet
120Kb / 2P
   150mA Surface Mount Fast Switching Diode
LL4151 SUNMATE-LL4151 Datasheet
84Kb / 2P
   150mA Surface Mount Fast Switching Diode
MCL4154 SUNMATE-MCL4154 Datasheet
317Kb / 2P
   150mA Surface Mount Fast Switching Diode
MCL4151 SUNMATE-MCL4151 Datasheet
277Kb / 2P
   150mA Surface Mount Fast Switching Diode
1N4148WS-V SUNMATE-1N4148WS-V Datasheet
162Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
1N4448WS-V SUNMATE-1N4448WS-V Datasheet
204Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
1N4151WS-V SUNMATE-1N4151WS-V Datasheet
219Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com