Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8101GR Datasheet(PDF) 8 Page - NEC

Part # UPC8101GR
Description  1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101GR Datasheet(HTML) 8 Page - NEC

Back Button UPC8101GR Datasheet HTML 4Page - NEC UPC8101GR Datasheet HTML 5Page - NEC UPC8101GR Datasheet HTML 6Page - NEC UPC8101GR Datasheet HTML 7Page - NEC UPC8101GR Datasheet HTML 8Page - NEC UPC8101GR Datasheet HTML 9Page - NEC UPC8101GR Datasheet HTML 10Page - NEC UPC8101GR Datasheet HTML 11Page - NEC UPC8101GR Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Data Sheet P11074EJ3V0DS00
8
µµµµPC8110GR
TYPICAL CHARACTERISTICS
Unless otherwise specified TA = +25 °C, VCC = VPS = 3 V, I/Q DC/offset = I/Q DC offset = 1.5 V, I/Q Input signal =
500 mVp-p (Single ended), fI/Q = 2.625 kHz, fLOin = 948 MHz, PLOin =
−10 dBm, <PDC> Transmission speed: 42 kbps,
RNYQ: a = 0.5.
CIRCUIT CURRENT vs SUPPLY VOLTAGE
VCC - Supply Voltage - V
30
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA = +25 ˚C
TA = –40 ˚C
TA = +85 ˚C
VCC = VPS
I/Q (DC) = VCC/2
RF None
CIRCUIT CURRENT vs POWER SAVE VOLTAGE
VPS - Power Save Voltage - V
30
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
TA = +25 ˚C
TA = –40 ˚C
TA = +85 ˚C
VCC = 3 V
I/Q (DC) = 1.5 V
RF None


Similar Part No. - UPC8101GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8101GR NEC-UPC8101GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8101GR NEC-UPC8101GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results

Similar Description - UPC8101GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Agere Systems
W3011 AGERE-W3011 Datasheet
199Kb / 12P
   1 GHz Quadrature Modulator
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
   1 GHz QUADRATURE MODULATOR
UPC8110GR NEC-UPC8110GR_00 Datasheet
75Kb / 6P
   1 GHz QUADRATURE MODULATOR
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com