Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8101GR Datasheet(PDF) 7 Page - NEC

Part # UPC8101GR
Description  1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8101GR Datasheet(HTML) 7 Page - NEC

Back Button UPC8101GR Datasheet HTML 3Page - NEC UPC8101GR Datasheet HTML 4Page - NEC UPC8101GR Datasheet HTML 5Page - NEC UPC8101GR Datasheet HTML 6Page - NEC UPC8101GR Datasheet HTML 7Page - NEC UPC8101GR Datasheet HTML 8Page - NEC UPC8101GR Datasheet HTML 9Page - NEC UPC8101GR Datasheet HTML 10Page - NEC UPC8101GR Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Data Sheet P11074EJ3V0DS00
7
µµµµPC8110GR
EXPLANATION OF INTERNAL FUNCTION
BLOCK
FUNCTION/OPERATION
BLOCK DIAGRAM
90 ° PHASE
SHIFTER
Input signal from LO is send to digital circuit of
T-type flip-flop through frequency doubler.
Output signal from T-type F/F is changed to
same frequency as LO input and that have
quadrature phase shift, 0 °, 90 °, 180 °, 270 °.
These circuits have function of self phase
correction to make correctly quadrature signals.
BUFFER
AMP.
Buffer amplifiers for each phase signals to send
to each mixers.
MIXER
Each signals from buffer amp. are quadrature
modulated with two double-balanced mixers.
High accurate phase and amplitude inputs are
realized to good performance for image
rejection.
ADDER
Output signals from each mixers are added with
adder and send to final amplifier.
I
from LOin
× 2
÷ 2 F/F
I
Q
Q
to MODout


Similar Part No. - UPC8101GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8101GR NEC-UPC8101GR Datasheet
109Kb / 3P
   150 MHz SILICON QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATIONS
UPC8101GR NEC-UPC8101GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8101GR NEC-UPC8101GR Datasheet
214Kb / 5P
   UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8101GR NEC-UPC8101GR Datasheet
587Kb / 3P
   UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
More results

Similar Description - UPC8101GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8105GR NEC-UPC8105GR Datasheet
129Kb / 16P
   400 MHz QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8126K NEC-UPC8126K Datasheet
189Kb / 20P
   900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8104GR NEC-UPC8104GR Datasheet
156Kb / 20P
   UP CONVERTER QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
logo
Agere Systems
W3011 AGERE-W3011 Datasheet
199Kb / 12P
   1 GHz Quadrature Modulator
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
   1 GHz QUADRATURE MODULATOR
UPC8110GR NEC-UPC8110GR_00 Datasheet
75Kb / 6P
   1 GHz QUADRATURE MODULATOR
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
   DIRECT QUADRATURE MODULATOR
RF2850 RFMD-RF2850_1 Datasheet
299Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480 Datasheet
82Kb / 8P
   DIRECT QUADRATURE MODULATOR
RF2480 RFMD-RF2480_12 Datasheet
155Kb / 8P
   DIRECT QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com