Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2280CS-T13 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL2280CS-T13
Description  250MHz/3mA Current Mode Feedback Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2280CS-T13 Datasheet(HTML) 3 Page - Intersil Corporation

  EL2280CS-T13 Datasheet HTML 1Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 2Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 3Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 4Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 5Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 6Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 7Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 8Page - Intersil Corporation EL2280CS-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and GND. . . . . . . . . . . . . . . . . +12.6V
Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . . . . . . +12.6V
Common-Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . VS- to VS+
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±6V
Current into +IN or -IN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±7.5mA
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Ambient Temperature Range . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150°C
Output Current (EL2180) . . . . . . . . . . . . . . . . . . . . . . . . . . . ±120mA
Output Current (EL2280) . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Output Current (EL2480) . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±60mA
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS = ±5V, RL = 150Ω, TA = 25°C unless otherwise specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
2.5
10
mV
TCVOS
Average Input Offset Voltage Drift
Measured from TMIN to TMAX
5µV/°C
dVOS
VOS Matching
EL2280, EL2480 only
0.5
mV
+IIN
+Input Current
1.5
15
µA
d+IIN
+IIN Matching
EL2280, EL2480 only
20
nA
-IIN
-Input Current
16
40
µA
d-IIN
-IIN Matching
EL2280, EL2480 only
2
µA
CMRR
Common Mode Rejection Ratio
VCM = ±3.5V
45
50
dB
-ICMR
-Input Current Common Mode
Rejection
VCM = ±3.5V
5
30
µA/V
PSRR
Power Supply Rejection Ratio
VS is moved from ±4V to ±6V
60
70
dB
-IPSR
- Input Current Power Supply
Rejection
VS is moved from ±4V to ±6V
1
15
µA/V
ROL
Transimpedance
VOUT = ±2.5V
120
300
k
+RIN
+Input Resistance
VCM = ±3.5V
0.5
2
M
+CIN
+Input Capacitance
1.2
pF
CMIR
Common Mode Input Range
±3.5
±4.0
V
VO
Output Voltage Swing
VS = ±5
±3.5
±4.0
V
VS = 5 single-supply, high
4.0
V
VS = 5 single-supply, low
0.3
V
IO
Output Current
EL2180 only
80
100
mA
EL2280 only, per amplifier
50
55
mA
EL2480 only, per amplifier
50
55
mA
IS
Supply Current
Per amplifier
3
6
mA
EL2180, EL2280, EL2480


Similar Part No. - EL2280CS-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2280CS-T13 ELANTEC-EL2280CS-T13 Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
More results

Similar Description - EL2280CS-T13

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2180C ELANTEC-EL2180C Datasheet
661Kb / 17P
   250MHz / 3mA Current Mode Feedback Amplifiers
logo
Renesas Technology Corp
EL2480 RENESAS-EL2480 Datasheet
894Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
logo
Intersil Corporation
EL2480 INTERSIL-EL2480 Datasheet
381Kb / 13P
   250MHz/3mA Current Mode Feedback Amplifier
logo
Elantec Semiconductor
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
   250MHz/3mA Current Mode Feedback Amp w/Disable
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
logo
Intersil Corporation
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
   70MHz/1mA Current Mode Feedback Amplifiers
EL2470 INTERSIL-EL2470 Datasheet
344Kb / 14P
   70MHz/1mA Current Mode Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
   Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
   Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com