Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16TTS Datasheet(PDF) 2 Page - International Rectifier

Part # 16TTS
Description  PHASE CONTROL SCR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16TTS Datasheet(HTML) 2 Page - International Rectifier

  16TTS Datasheet HTML 1Page - International Rectifier 16TTS Datasheet HTML 2Page - International Rectifier 16TTS Datasheet HTML 3Page - International Rectifier 16TTS Datasheet HTML 4Page - International Rectifier 16TTS Datasheet HTML 5Page - International Rectifier 16TTS Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
16TTS.. Series
Part Number
V
RRM
, maximum
V
DRM
, maximum
I
RRM/
I
DRM
peak reverse voltage
peak direct voltage
125°C
VV
mA
16TTS08
800
800
5
16TTS12
1200
1200
Voltage Ratings
I
T(AV)
Max. Average On-state Current
10
A
50% duty cycle @ T
C
= 98° C, sinusoidal wave form
I
RMS
Max. RMS On-state Current
16
I
TSM
Max. Peak One Cycle Non-Repetitive
170
10ms Sine pulse, rated V
RRM applied
Surge Current
200
10ms Sine pulse, no voltage reapplied
I
2t
Max. I
2t for fusing
144
A
2s
10ms Sine pulse, rated V
RRM
applied
200
10ms Sine pulse, no voltage reapplied
I
2
√t Max. I2√t for fusing
2000
A
2
√s
t = 0.1 to 10ms, no voltage reapplied
V
TM
Max. On-state Voltage Drop
1.4
V
@ 10A, T
J
= 25°C
r
t
On-state slope resistance
24.0
m
T
J
= 125°C
V
T(TO) Threshold Voltage
1.1
V
I
RM
/I
DM
Max.Reverse and Direct
0.5
mA
T
J
= 25 °C
Leakage Current
5.0
T
J = 125 °C
I
H
Max. Holding Current
100
mA
Anode Supply = 6V, Resistive load, Initial I
T
=1A
I
L
Max. Latching Current
200
mA
Anode Supply = 6V, Resistive load
dv/dt Max. rate of rise of off-state Voltage
500
V/µs
di/dt
Max. rate of rise of turned-on Current
150
A/µs
Absolute Maximum Ratings
Parameters
16TTS..
Units
Conditions
V
R
= rated V
RRM
/ V
DRM
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - 16TTS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16TTS IRF-16TTS Datasheet
98Kb / 7P
   PHASE CONTROL SCR TO-220 FULLPAK
16TTS IRF-16TTS Datasheet
119Kb / 8P
   SURFACE MOUNTABLE PHASE CONTROL SCR
logo
Vishay Siliconix
16TTS VISHAY-16TTS Datasheet
125Kb / 7P
   Phase Control SCR, 10 A
Revision: 16-Sep-08
logo
International Rectifier
16TTS08 IRF-16TTS08 Datasheet
93Kb / 7P
   PHASE CONTROL SCR
logo
Vishay Siliconix
16TTS08 VISHAY-16TTS08 Datasheet
142Kb / 7P
   Phase Control SCR, 10 A
Revision: 16-Sep-08
More results

Similar Description - 16TTS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T9G01000A POWEREX-T9G01000A_13 Datasheet
508Kb / 4P
   Phase Control SCR
T720 POWEREX-T720_13 Datasheet
736Kb / 4P
   Phase Control SCR
logo
International Rectifier
40TPS16 IRF-40TPS16 Datasheet
171Kb / 7P
   PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T620 POWEREX-T620_13 Datasheet
752Kb / 4P
   Phase Control SCR
logo
New Jersey Semi-Conduct...
2N3884 NJSEMI-2N3884 Datasheet
427Kb / 4P
   PHASE CONTROL SCR
logo
International Rectifier
12TTS08 IRF-12TTS08 Datasheet
83Kb / 7P
   PHASE CONTROL SCR
25TTS12PBF IRF-25TTS12PBF Datasheet
181Kb / 7P
   PHASE CONTROL SCR
logo
Powerex Power Semicondu...
T7H8650A POWEREX-T7H8650A Datasheet
153Kb / 4P
   Phase Control SCR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com