Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANT10048-S1C Datasheet(PDF) 2 Page - World Produts Inc.

Part # WPANT10048-S1C
Description  2.4 GHz Wi-Fi Embedded Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT10048-S1C Datasheet(HTML) 2 Page - World Produts Inc.

  WPANT10048-S1C Datasheet HTML 1Page - World Produts Inc. WPANT10048-S1C Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev: 1.0
Created on: December 13, 2013
Created by: MKS
Approved by: BP
Page | 2
Pictures of the Antenna
Note: Prototype shown. Actual antenna will have a silkscreen.


Similar Part No. - WPANT10048-S1C

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10040 WPI-WPANT10040 Datasheet
98Kb / 2P
   420 MHz Embedded Antenna
WPANT10040-C1A WPI-WPANT10040-C1A Datasheet
98Kb / 2P
   420 MHz Embedded Antenna
WPANT10040-C1B WPI-WPANT10040-C1B Datasheet
105Kb / 2P
   420 MHz Embedded Antenna
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10042-S1B WPI-WPANT10042-S1B Datasheet
93Kb / 2P
   Wi-Fi Embedded Antenna
More results

Similar Description - WPANT10048-S1C

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10088 WPI-WPANT10088 Datasheet
107Kb / 2P
   2.4 GHz Wi-Fi Embedded Antenna
WPANT10001-SB WPI-WPANT10001-SB Datasheet
284Kb / 5P
   2.4 GHz Bluetooth / Wi-Fi / Zigbee Embedded Antenna
WPANT10053-C1A WPI-WPANT10053-C1A Datasheet
138Kb / 3P
   2.4 GHz Bluetooth / Wi-Fi / Zigbee Embedded Antenna
WPANT10051-C1A WPI-WPANT10051-C1A Datasheet
279Kb / 5P
   2.4 GHz Wi-Fi Horizontally Polarized Embedded Antenna
WPANT10002-SB WPI-WPANT10002-SB Datasheet
248Kb / 5P
   2.4 GHz Bluetooth / Wi-Fi / Zigbee Embedded Antenna
WPANT10052-C1A WPI-WPANT10052-C1A Datasheet
274Kb / 5P
   2.4 GHz Wi-Fi Vertically Polarized Embedded Antenna
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30033-R2A WPI-WPANT30033-R2A Datasheet
78Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30005-SA WPI-WPANT30005-SA_15 Datasheet
248Kb / 4P
   2.4 GHz Wi-Fi Stubby Antenna
WPANT30035-RA WPI-WPANT30035-RA Datasheet
95Kb / 2P
   2.4 GHz Wi-Fi Stubby Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com