Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SH74593 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # SH74593
Description  RENESAS MCU
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH74593 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button SH74593_15 Datasheet HTML 4Page - Renesas Technology Corp SH74593_15 Datasheet HTML 5Page - Renesas Technology Corp SH74593_15 Datasheet HTML 6Page - Renesas Technology Corp SH74593_15 Datasheet HTML 7Page - Renesas Technology Corp SH74593_15 Datasheet HTML 8Page - Renesas Technology Corp SH74593_15 Datasheet HTML 9Page - Renesas Technology Corp SH74593_15 Datasheet HTML 10Page - Renesas Technology Corp SH74593_15 Datasheet HTML 11Page - Renesas Technology Corp SH74593_15 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
SH74593
2. Details
R01DS0186EJ0120 Rev.01.20
Page 8 of 35
Sep 10, 2012
Page
Description
12-34
• Table 12.7 Error Protection Types
Product
ROM access error
SH74562
- A read access command has been issued to addresses H'0000 0000 to H'000F FFFF while the
FENTRYR register value is not H'0000.
SH74593
- A read access command has been issued to addresses H'FD90 0000 to H'FD97 FFFF while
FENTRY1 = "1" in ROM P/E normal mode.
- A read access command has been issued to addresses H'0000 0000 to H'0017 FFFF while the
FENTRYR register value is not H'0000.
Please refer to Appendix D.8.
13-1
13-2
• 13.1 Overview
• Figure 13.2 Address Space : Descriptions of 29-bit physical address space (area 6)
Product
SHwyRAM Capacity (Start address – Last address)
SH74562
256 Kbytes(H’1800 0000 – H’1803 FFFF)
SH74593
512 Kbytes(H’1800 0000 – H’1807 FFFF)
Please refer to Appendix E.
13-1
• Figure 13.1 Block Diagram of SHwyRAM : Descriptions of Memory block
Product
Page number [Capacity]
SH74562
Page 3 [64 KB]
SH74593
Page 7 [64 KB]
13-2
• Figure 13.2 Address Space
Product
Page
SH74562
Page 0 to Page 3
SH74593
Page 0 to Page 7
Added the following pages
Page
Address (29-bit physical address)
Page 4
H’1804 0000 – H’1804 FFFF
Page 5
H’1805 0000 – H’1805 FFFF
Page 6
H’1806 0000 – H’1806 FFFF
Page 7
H’1807 0000 – H’1807 FFFF
Please refer to Appendix E.
14-1
• Table 14.1 Relation between Input Frequency and Input Clock
• Figure 14.1 Block Diagram of CPG
Product
PLL frequency multiplier (input to CPU)
SH74562 X8.
SH74593 X12.
Please refer to Appendix F.
14-1
• Table 14.1 Relation between Input Frequency and Input Clock
Product
CPU clock(MHz)
SH74562 160.
SH74593 240
Please refer to Appendix F.
15-60
• Table 15.9 Minimum of Interrupt Response Time: Response time (Minimum)
Product
NMI
IRQ
Peripheral Module Remarks
SH74562 40Icyc + S
× Icyc 36Icyc + S × Icyc 32Icyc + S × Icyc
When Icyc:Scyc: Pcyc = 4:2:1
SH74593 55Icyc + S
× Icyc 49Icyc + S × Icyc 43Icyc + S × Icyc
When Icyc:Scyc: Pcyc = 6:2:1
Please refer to Appendix G.


Similar Part No. - SH74593_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH74593 RENESAS-SH74593 Datasheet
297Kb / 38P
   RENESAS MCU
Sep 10, 2012
More results

Similar Description - SH74593_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
M16C5M RENESAS-M16C5M Datasheet
1,001Kb / 159P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com