Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8106TB-E3 Datasheet(PDF) 3 Page - NEC

Part # UPC8106TB-E3
Description  SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8106TB-E3 Datasheet(HTML) 3 Page - NEC

  UPC8106TB-E3 Datasheet HTML 1Page - NEC UPC8106TB-E3 Datasheet HTML 2Page - NEC UPC8106TB-E3 Datasheet HTML 3Page - NEC UPC8106TB-E3 Datasheet HTML 4Page - NEC UPC8106TB-E3 Datasheet HTML 5Page - NEC UPC8106TB-E3 Datasheet HTML 6Page - NEC UPC8106TB-E3 Datasheet HTML 7Page - NEC UPC8106TB-E3 Datasheet HTML 8Page - NEC UPC8106TB-E3 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet P12770EJ2V0DS00
3
µµµµPC8106TB, µµµµPC8109TB
SYSTEM APPLICATION EXAMPLES (SCHEMATICS OF IC LOCATION IN THE SYSTEMS)
PHS, DECT
TX
÷N
PLL
RX
PA
I
Q
SW
DEMO.
Q
I
Phase
shifter
90°
PC8106TB
µ
VCO
PLL
Analog cellular telephone
TX
÷N
PLL
RX
PA
SW
DEMO.
PC8109TB
µ
PLL
MOD.
FM
VCO


Similar Part No. - UPC8106TB-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8106TB-E3 RENESAS-UPC8106TB-E3 Datasheet
318Kb / 26P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2000
logo
California Eastern Labs
UPC8106TB-E3-A CEL-UPC8106TB-E3-A Datasheet
224Kb / 10P
   3 V SILICON RFIC FREQUENCY UPCONVERTER
More results

Similar Description - UPC8106TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC8128TA NEC-UPC8128TA Datasheet
138Kb / 16P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC8128TB NEC-UPC8128TB Datasheet
287Kb / 52P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8112TB NEC-UPC8112TB Datasheet
125Kb / 5P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
logo
California Eastern Labs
UPC8151TB CEL-UPC8151TB Datasheet
206Kb / 10P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR CELLULAR/CORDLESS TELEPHONES
logo
CML Microcircuits
FX118 CMLMICRO-FX118 Datasheet
120Kb / 7P
   Duplex Frequency Inverter for Cordless Telephones
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com