Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNA51958AFPH0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RNA51958AFPH0
Description  Voltage Detecting, System Resetting IC Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RNA51958AFPH0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RNA51958AFPH0 Datasheet HTML 1Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 2Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 3Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 4Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 5Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 6Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 7Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 8Page - Renesas Technology Corp RNA51958AFPH0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RNA51958A, B
Preliminary
R03DS0011EJ0400 Rev.4.00
Page 4 of 13
Jun 19, 2012
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
18
V
Output sink current
Isink
6
mA
VCC
Type A (output with constant current load)
Output voltage
VO
18
V
Type B (open collector output)
400
8-pin SOP (PRSP0008DE-C)
Power dissipation
Pd
570
mW
8-pin DIP (PRDP0008AF-B)
4.4
8-pin SOP (PRSP0008DE-C)
Thermal derating
K
8.3
mW/°C
8-pin DIP (PRDP0008AF-B)
Refer to the thermal
derating curve.
Operating temperature
Topr
–40 to +85
°C
Storage temperature
Tstg
–55 to +125
°C
–0.3 to VCC
VCC  7 V
Input voltage range
VIN
–0.3 to +7
V
VCC > 7 V
Electrical Characteristics
(Ta = 25°C, unless otherwise noted)
 “H” reset type
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Detecting voltage
VS
1.20
1.25
1.30
V
Hysteresis voltage
V
S
9
15
23
mV
VCC = 5V
Detecting voltage
temperature coefficient
VS/T
0.01
%/°C
Supply voltage range
VCC
2
17
V
–0.3
VCC
VCC  7V
Input voltage range
Vin
–0.3
7.0
V
VCC > 7V
Input current
Iin
100
500
nA
Vin = 1.25V
390
590
Type A, VCC = 5V
Circuit current
ICC
360
540
A
Type B, VCC = 5V
Delay time
tpd
1.6
3.4
7.0
ms
Cd = 0.01
F *
Constant current
Ipd
–8
–5
–3
A
VCC = 5V
Output saturation
voltage
Vsat
0.2
0.4
V
VCC = 5V, Vin < 1.35V, Isink = 4mA
Output leakage
current
IOH
30
nA
Type B
Output load current
IOC
–40
–25
–17
A
Type A, VCC = 5V, VO = 1/2  VCC
Output high voltage
VOH
VCC–0.2
VCC–0.06
V
Type A
Note:
Please set the desired delay time by attaching capacitor of the range between 4700 pF and 10
F.


Similar Part No. - RNA51958AFPH0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RNA51958AFPH0 RENESAS-RNA51958AFPH0 Datasheet
158Kb / 12P
   Voltage Detecting, System Resetting IC Series
RNA51958AFPH0 RENESAS-RNA51958AFPH0 Datasheet
133Kb / 14P
   Voltage Detecting, System Resetting IC Series
More results

Similar Description - RNA51958AFPH0

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62032AFP MITSUBISHI-M62032AFP Datasheet
34Kb / 4P
   VOLTAGE DETECTING, SYSTEM RESETTING IC
M62022L MITSUBISHI-M62022L Datasheet
18Kb / 2P
   VOLTAGE DETECTING,SYSTEM RESETTING IC
M51943A MITSUBISHI-M51943A Datasheet
127Kb / 4P
   VOLTAGE DETECTING,SYSTEM RESETTING IC SERIES
M62707ML MITSUBISHI-M62707ML Datasheet
21Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
M62714ML MITSUBISHI-M62714ML Datasheet
22Kb / 3P
   VOLTAGE DETECTING, SYSTEM RESETTING IC SERIES
logo
Renesas Technology Corp
RNA51957A RENESAS-RNA51957A Datasheet
161Kb / 13P
   Voltage Detecting, System Resetting IC Series
M62781GP RENESAS-M62781GP Datasheet
145Kb / 5P
   Voltage Detecting, System Resetting IC Series
RNA51943A RENESAS-RNA51943A_15 Datasheet
87Kb / 7P
   Voltage Detecting, System Resetting IC Series
RNA51944A RENESAS-RNA51944A_15 Datasheet
97Kb / 8P
   Voltage Detecting, System Resetting IC Series
M51945A RENESAS-M51945A_07 Datasheet
144Kb / 11P
   Voltage Detecting, System Resetting IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com