Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCR20CM-16LB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # BCR20CM-16LB
Description  800V - 20A - Triac Medium Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR20CM-16LB Datasheet(HTML) 6 Page - Renesas Technology Corp

  BCR20CM-16LB_15 Datasheet HTML 1Page - Renesas Technology Corp BCR20CM-16LB_15 Datasheet HTML 2Page - Renesas Technology Corp BCR20CM-16LB_15 Datasheet HTML 3Page - Renesas Technology Corp BCR20CM-16LB_15 Datasheet HTML 4Page - Renesas Technology Corp BCR20CM-16LB_15 Datasheet HTML 5Page - Renesas Technology Corp BCR20CM-16LB_15 Datasheet HTML 6Page - Renesas Technology Corp BCR20CM-16LB_15 Datasheet HTML 7Page - Renesas Technology Corp BCR20CM-16LB_15 Datasheet HTML 8Page - Renesas Technology Corp BCR20CM-16LB_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BCR20CM-16LB
Preliminary
R07DS0673EJ0200 Rev.2.00
Page 6 of 8
Feb 25, 2013
Gate Trigger Characteristics Test Circuits
Test Procedure I
Test Procedure III
Test Procedure II
Gate Current Pulse Width (
μs)
Gate Trigger Current vs.
Gate Current Pulse Width
6
Ω
6
Ω
6
Ω
6V
6V
6V
330
Ω
330
Ω
330
Ω
A
V
A
V
A
V
Typical Example
IFGT I
IRGT I
IRGT III
103
102
101
100
101
102


Similar Part No. - BCR20CM-16LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20CM-16LB RENESAS-BCR20CM-16LB Datasheet
508Kb / 9P
   800V - 20A - Triac Medium Power Use
Feb. 1, 2019
More results

Similar Description - BCR20CM-16LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR20CM-16LB RENESAS-BCR20CM-16LB Datasheet
508Kb / 9P
   800V - 20A - Triac Medium Power Use
Feb. 1, 2019
BCR10CM-16LH RENESAS-BCR10CM-16LH_15 Datasheet
144Kb / 9P
   800V - 10A - Triac Medium Power Use
BCR16CM-16LH RENESAS-BCR16CM-16LH Datasheet
505Kb / 9P
   800V - 16A - Triac Medium Power Use
Feb. 1, 2019
BCR4CM-16LH RENESAS-BCR4CM-16LH_15 Datasheet
142Kb / 9P
   800V - 4A - Triac Medium Power Use
BCR16CM-16LB RENESAS-BCR16CM-16LB Datasheet
505Kb / 9P
   800V - 16A - Triac Medium Power Use
Feb. 1, 2019
BCR16CM-16LB RENESAS-BCR16CM-16LB_15 Datasheet
143Kb / 9P
   800V - 16A - Triac Medium Power Use
BCR16CM-16LH RENESAS-BCR16CM-16LH_15 Datasheet
141Kb / 9P
   800V - 16A - Triac Medium Power Use
BCR12CM-16LB RENESAS-BCR12CM-16LB_15 Datasheet
143Kb / 9P
   800V - 12A - Triac Medium Power Use
BCR12CM-16LH RENESAS-BCR12CM-16LH_15 Datasheet
148Kb / 9P
   800V - 12A - Triac Medium Power Use
BCR12CM-16LB RENESAS-BCR12CM-16LB Datasheet
506Kb / 9P
   800V - 12A - Triac Medium Power Use
Feb. 1, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com