Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPANT10016-CA Datasheet(PDF) 5 Page - World Produts Inc.

Part # WPANT10016-CA
Description  800 / 900 MHz ISM Band and GSM Embedded Antenna
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT10016-CA Datasheet(HTML) 5 Page - World Produts Inc.

  WPANT10016-CA Datasheet HTML 1Page - World Produts Inc. WPANT10016-CA Datasheet HTML 2Page - World Produts Inc. WPANT10016-CA Datasheet HTML 3Page - World Produts Inc. WPANT10016-CA Datasheet HTML 4Page - World Produts Inc. WPANT10016-CA Datasheet HTML 5Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev: 3.0
Created on: February 21, 2014
Created by: MKS
Approved by: BP
Page | 5
Peak Gain of the Antenna in dBi


Similar Part No. - WPANT10016-CA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10016-CB WPI-WPANT10016-CB Datasheet
206Kb / 3P
   860 / 915 MHz ISM Band and GSM Embedded Antenna
More results

Similar Description - WPANT10016-CA

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10016 WPI-WPANT10016 Datasheet
206Kb / 3P
   860 / 915 MHz ISM Band and GSM Embedded Antenna
WPANT10071 WPI-WPANT10071 Datasheet
285Kb / 5P
   900 MHz ISM band Stamped Metal Embedded Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
   900 MHz ISM band Omni-Directional Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
   900 MHz ISM band Omni-directional Antenna
WPANT30148 WPI-WPANT30148 Datasheet
117Kb / 3P
   900 MHz ISM Band Whip / Stubby Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
   900 MHz ISM band Omni-directional Antenna
WPANTDP092-R1A WPI-WPANTDP092-R1A Datasheet
68Kb / 2P
   900 MHz ISM band Directional Panel Antenna
WPANT30046-RA WPI-WPANT30046-RA Datasheet
161Kb / 2P
   900 MHz GSM Corner Antenna
WPANT10024-SC WPI-WPANT10024-SC Datasheet
332Kb / 5P
   Dual-band GSM Embedded Antenna
WPANT10058 WPI-WPANT10058 Datasheet
100Kb / 2P
   ISM 900 MHz Miniature Antenna
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com