Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB08M Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # MB08M
Description  Miniature SMD Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MB08M Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MB08M_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MB08M_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
MB08M
1000V 0.8 Amp
Miniature SMD Glass Passivated Bridge Rectifiers
27-Sep-2013 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES


Similar Part No. - MB08M_15

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
MB08MTAFMTAFA220YBB HUBERSUHNER-MB08MTAFMTAFA220YBB Datasheet
272Kb / 3P
   MTP08 female-MTP08 female_APC_pol. B_2mm_yellow_SM/A2
MB08MTAMMTAMA230YBB HUBERSUHNER-MB08MTAMMTAMA230YBB Datasheet
345Kb / 3P
   MTP08 male-MTP08 male_APC_pol. B_3mm_yellow_SM/A2
MB08MTMFMTMFO420YLL HUBERSUHNER-MB08MTMFMTMFO420YLL Datasheet
252Kb / 3P
   MTP08 female-MTP08 female_MM_pol. B_2mm_heatherviolet_OM4
MB08MTMMMTMMO430YLL HUBERSUHNER-MB08MTMMMTMMO430YLL Datasheet
183Kb / 2P
   MTP08 male-MTP08 male_MM_pol. B_3mm_heatherviolet_OM4
More results

Similar Description - MB08M_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MB206L SECOS-MB206L_15 Datasheet
276Kb / 3P
   Miniature SMD Glass Passivated Bridge Rectifiers
MB205L SECOS-MB205L Datasheet
295Kb / 2P
   Miniature SMD Glass Passivated Bridge Rectifiers
MB105 SECOS-MB105_15 Datasheet
213Kb / 2P
   Miniature SMD Glass Passivated Bridge Rectifiers
MB205L SECOS-MB205L_15 Datasheet
295Kb / 2P
   Miniature SMD Glass Passivated Bridge Rectifiers
MB206L SECOS-MB206L Datasheet
334Kb / 3P
   Miniature SMD Glass Passivated Bridge Rectifiers
MB10M SECOS-MB10M_15 Datasheet
145Kb / 2P
   Miniature SMD Glass Passivated Bridge Rectifiers
MB10M SECOS-MB10M Datasheet
145Kb / 2P
   1000V 1.0 Amp Miniature SMD Glass Passivated Bridge Rectifiers
logo
Comchip Technology
DF005-G COMCHIP-DF005-G Datasheet
73Kb / 3P
   SMD Glass Passivated Bridge Rectifiers
DF005S-HF COMCHIP-DF005S-HF Datasheet
102Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
logo
SeCoS Halbleitertechnol...
MB08M SECOS-MB08M Datasheet
188Kb / 2P
   1000V 0.8 Amp Miniature SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com