Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES3B Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ES3B
Description  3.0A Surface Mount Super-Fast Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ES3B Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ES3B Datasheet HTML 1Page - SUNMATE electronic Co., LTD ES3B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
260 C/10 seconds
3.0A Surface Mount Super-Fast Rectifier
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
·
·
·
·
·
Mechanical Data
·
·
·
·
1of2
SMC
Dim
Min
Max
A
5.59
6.22
B
6.60
7.11
C
2.75
3.18
D
0.15
0.31
E
7.75
8.13
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
Plastic package has underwrites laboratory flammability
Classification 94V-0
Glass passivated chip junction
Built-in strain relief,
Fast switching speed for high efficiency
High temperature soldering guaranteed:
Case: JEDED DO-214AB transfer molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, method 2026
Polarity: Color band denotes cathode end
Weight: 0.007 ounce, 0.25 gram
·
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
ES3A-ES3J
SYMBOLS
ES3A
ES3B
ES3C
ES3D
ES3E
ES3G
ES3J
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
Volts
Maximum Average Forward Rectified Current
at TL=100
I(AV)
3.0
Amps
Peak Forward Surge Current
8.3ms single half sine-wave superimposed on
rated load (JEDEC method)
IFSM
100
Amps
Maximum Instantaneous Forward Voltage @ 3.0A
VF
0.95
1.25
1.7
Volts
TA = 25
5.0
Maximum DC Reverse Current at rated
DC Blocking Voltage per element
TA = 125
IR
300
A
Typical Reverse Recovery Time
Test conditions IF =0.5A, IR =1.0A, IRR =0.25A
trr
35
nS
Typical Junction Capacitance
(Measured at 1.0MHz and applied reverse voltage of 4.0V)
CJ
45
30
pF
RθJA
55
Typical Thermal Resistance (Note 1)
RθJL
17
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1. Thermal resistance from Junction to ambient and from junction to lead mounted on P.C.B. with
0.3”×0.3”(8.0mm × 8.0mm) copper pad areas.


Similar Part No. - ES3B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3B DIODES-ES3B Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
logo
DONGGUAN YOU FENG WEI E...
ES3B YFWDIODE-ES3B Datasheet
278Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
ES3B SEMTECH_ELEC-ES3B Datasheet
236Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Anova Technologies CO.,...
ES3B ANOVA-ES3B Datasheet
296Kb / 2P
   Surface Mount Super Fast Rectifiers
logo
Guangdong Juxing Electr...
ES3B JUXING-ES3B Datasheet
683Kb / 2P
   Surface Mount Superfast Rectifiers
More results

Similar Description - ES3B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
   3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
ES3A DIODES-ES3A_10 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 15 - 2
ES3DB-13 DIODES-ES3DB-13 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
ES3B-13 DIODES-ES3B-13 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
MURS320 DIODES-MURS320_1 Datasheet
235Kb / 3P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. 4 - 2
ES3AAB DIODES-ES3AAB_15 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
MURS320 DIODES-MURS320_10 Datasheet
132Kb / 5P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
Rev. 6 - 2 September 2010
RS3A DIODES-RS3A Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com