Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER1E Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ER1E
Description  1.0A Surface Mount Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ER1E Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ER1E Datasheet HTML 1Page - SUNMATE electronic Co., LTD ER1E Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Data
Features
·
·
·
·
·
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
·
·
·
·
·
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
A
B
C
D
G
H
E
J
SMA
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
1of2
ER1A-ER1J
1.0A Surface Mount Rectifier
Low cost
Low leakage
Low forward voltage drop
High current capability
Easily cleaned with alcohol,Isopropanol
The plastic material carries U/L recognition 94V-0
and similar solvents
·
Case:JEDEC DO-214AC,molded plastic
Terminals:
Solderable per
Polarity: Color band denotes cathode
Weight: 0.002 ounces,0.064 grams
Mounting position: Any
MIL- STD-202,Method 208
ER1B ER1C ER1D ER1E ER1G
ER1J UNITS
Maximum recurrent peak reverse voltage
VRRM
100
150
200
300
400
600
V
Maximum RMS voltage
VRMS
70
105
140
210
280
420
V
Maximum DC blocking voltage
VDC
100
150
200
300
400
600
V
Maximum average forw ard rectified current
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 1.0A
VF
1.7
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=125
Maximum reverse recovery time (Note 1)
trr
ns
Typical junction capacitance
(Note 2)
CJ
pF
Typical thermal resistance
(Note 3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
1.25
3.Thermal resistance junction to ambient.
A
30.0
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
- 55 ----- + 150
A
5.0
IF(AV)
1.0
ER1A
50
35
- 55 ----- + 150
50
35
22
1
00
50
0.95


Similar Part No. - ER1E

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1E PANJIT-ER1E Datasheet
63Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Shanghai Shunye Electro...
ER1E SHUNYE-ER1E Datasheet
259Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Transys Electronics
ER1E TRSYS-ER1E Datasheet
248Kb / 3P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Microdiode Electronics ...
ER1E CHENDA-ER1E Datasheet
535Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Dc Components
ER1E DCCOM-ER1E Datasheet
497Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ER1E

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
S1A ZSELEC-S1A Datasheet
189Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
BYG50A ZSELEC-BYG50A Datasheet
145Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
GF1A ZSELEC-GF1A Datasheet
111Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
TAITRON Components Inco...
S1A TAITRON-S1A Datasheet
187Kb / 5P
   1.0A Surface Mount Rectifier
logo
SUNMATE electronic Co.,...
RS1A SUNMATE-RS1A Datasheet
126Kb / 2P
   1.0A Surface Mount Rectifier
logo
Zibo Seno Electronic En...
MRA4001T3 ZSELEC-MRA4001T3 Datasheet
145Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
GS1AF ZSELEC-GS1AF Datasheet
149Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
S1M ZSELEC-S1M Datasheet
147Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
logo
TAITRON Components Inco...
S1AB TAITRON-S1AB Datasheet
183Kb / 4P
   1.0A SURFACE MOUNT RECTIFIER
SS12 TAITRON-SS12 Datasheet
175Kb / 3P
   1.0A Surface Mount Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com