Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYW56 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BYW56
Description  2.0A Axial Leaded Silicon Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYW56 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BYW56 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYW56 Datasheet HTML 2Page - SUNMATE electronic Co., LTD BYW56 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Figure 1. Typ. Thermal Resistance vs. Lead Length
94 9101
ll
TL= constant
0
0
20
40
60
80
120
l - Lead Length ( mm )
510
15
25
30
20
100
Figure 2. Forward Current vs. Forward Voltage
0.001
0.010
0.100
1.000
10.000
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
VF – Forward Voltage(V)
16350
Tj =25 °C
Tj = 175 °C
Figure 3. Max. Average Forward Current vs. Ambient Temperature
Figure 4. Reverse Current vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature (°C )
16351
VR =VRRM
half sinewave
RthJA =45K/W
l=10mm
RthJA = 100 K/W
PCB:d=25mm
1
10
100
1000
25
50
75
100
125
150
175
Tj – Junction Temperature (°C )
16352
VR =VRRM
Figure 5. Max. Reverse Power Dissipation vs. Junction
Temperature
Figure 6. Diode Capacitance vs. Reverse Voltage
0
50
100
150
200
250
300
350
400
25
50
75
100
125
150
175
Tj – Junction Temperature ( °C )
16353
VR =VRRM
PR–Limit
@100 % VR
PR–Limit
@80%VR
0
5
10
15
20
25
30
35
40
0.1
1.0
10.0
100.0
VR – Reverse Voltage(V)
16354
f=1MHz
2of3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)


Similar Part No. - BYW56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYW56 PHILIPS-BYW56 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
logo
Vishay Siliconix
BYW56 VISHAY-BYW56 Datasheet
134Kb / 6P
   Silicon Mesa Rectifiers
Rev. 1.6, 14-Apr-05
logo
Gulf Semiconductor
BYW56 GULFSEMI-BYW56 Datasheet
79Kb / 2P
   SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?000V CURRENT: 2.0A
logo
EIC discrete Semiconduc...
BYW56 EIC-BYW56 Datasheet
50Kb / 2P
   AVALANCHE RECTIFIER DIODES
logo
Vishay Siliconix
BYW56 VISHAY-BYW56 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
More results

Similar Description - BYW56

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
BY296 SUNMATE-BY296 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
PG201 SUNMATE-PG201 Datasheet
101Kb / 2P
   2.0A Axial Leaded Rectifier
FR201 SUNMATE-FR201 Datasheet
97Kb / 2P
   2.0A Axial Leaded Rectifier
RL201 SUNMATE-RL201 Datasheet
80Kb / 2P
   2.0A Axial Leaded Rectifier
21DQ04 SUNMATE-21DQ04 Datasheet
188Kb / 2P
   2.0A Axial Leaded Schottky Rectifier
21DQ06 SUNMATE-21DQ06 Datasheet
231Kb / 2P
   2.0A Axial Leaded Schottky Rectifier
BYV37 SUNMATE-BYV37 Datasheet
131Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
BYW32 SUNMATE-BYW32 Datasheet
111Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
TVR4J SUNMATE-TVR4J Datasheet
123Kb / 2P
   2.0A Axial Leaded Fast Recovery Rectifier
EGP20A SUNMATE-EGP20A Datasheet
111Kb / 2P
   2.0A Axial Leaded High Efficiency Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com