Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8106TB Datasheet(PDF) 1 Page - NEC

Part # UPC8106TB
Description  SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8106TB Datasheet(HTML) 1 Page - NEC

  UPC8106TB Datasheet HTML 1Page - NEC UPC8106TB Datasheet HTML 2Page - NEC UPC8106TB Datasheet HTML 3Page - NEC UPC8106TB Datasheet HTML 4Page - NEC UPC8106TB Datasheet HTML 5Page - NEC UPC8106TB Datasheet HTML 6Page - NEC UPC8106TB Datasheet HTML 7Page - NEC UPC8106TB Datasheet HTML 8Page - NEC UPC8106TB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUITS
µµµµPC8106TB, µµµµPC8109TB
SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER
FOR CELLULAR/CORDLESS TELEPHONES
Document No. P12770EJ2V0DS00 (2nd edition)
Date Published April 1999 N CP(K)
Printed in Japan
DATA SHEET
1997, 1999
©
DESCRIPTION
The
µPC8106TB and µPC8109TB are silicon monolithic integrated circuit designed as frequency up-converter for
cellular/cordless telephone transmitter stage. The
µPC8106TB features improved intermodulation and µPC8109TB
features low current consumption. From these two version, you can chose either IC corresponding to your system
design. These TB suffix ICs which are smaller package than conventional T suffix ICs contribute to reduce your
system size.
The
µPC8106TB and µPC8109TB are manufactured using NEC’s 20 GHz fT NESATTMIII silicon bipolar process.
This process uses a silicon nitride passivation film and gold electrodes. These materials can protect chip surface
from external pollution and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and
reliability.
FEATURES
Recommended operating frequency : fRFout = 0.4 GHz to 2.0 GHz, fIFin = 100 MHz to 400 MHz
Supply voltage
: VCC = 2.7 to 5.5 V
High-density surface mounting
: 6-pin super minimold package
Low current consumption
: ICC = 9 mA TYP. @
µPC8106TB
ICC = 5 mA TYP. @
µPC8109TB
Minimized carrier leakage
: Due to double balanced mixer
Built-in power save function
APPLICATION
Cellular/cordless telephone up to 2.0 GHz MAX (example: PHS, PDC, DCS1800 and so on)
ORDERING INFORMATION
Part Number
Markings
Product Type
Package
Supplying Form
µPC8106TB-E3
C2D
High IP3
µPC8109TB-E3
C2G
Low current consumption
6-pin super
minimold
Embossed tape 8 mm wide.
Pin 1, 2, 3 face to tape perforation side.
QTY 3 kp/Reel.
Remark To order evaluation samples, please contact your local NEC sales office.
(Part number for sample order:
µPC8106TB, µPC8109TB)
Caution Electro-static sensitive devices


Similar Part No. - UPC8106TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8106TB NEC-UPC8106TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC8106TB NEC-UPC8106TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
UPC8106TB NEC-UPC8106TB Datasheet
121Kb / 8P
   SILICON RFIC HI-IP3 FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
logo
California Eastern Labs
UPC8106TB CEL-UPC8106TB Datasheet
224Kb / 10P
   3 V SILICON RFIC FREQUENCY UPCONVERTER
logo
Renesas Technology Corp
UPC8106TB RENESAS-UPC8106TB Datasheet
318Kb / 26P
   BIPOLAR ANALOG INTEGRATED CIRCUITS
2000
More results

Similar Description - UPC8106TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
   SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
UPC8128TA NEC-UPC8128TA Datasheet
138Kb / 16P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC8128TB NEC-UPC8128TB Datasheet
287Kb / 52P
   SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8112TB NEC-UPC8112TB Datasheet
125Kb / 5P
   SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
logo
California Eastern Labs
UPC8151TB CEL-UPC8151TB Datasheet
206Kb / 10P
   SILICON RFIC LOW CURRENT AMPLIFIER FOR CELLULAR/CORDLESS TELEPHONES
logo
CML Microcircuits
FX118 CMLMICRO-FX118 Datasheet
120Kb / 7P
   Duplex Frequency Inverter for Cordless Telephones
logo
NEC
UPC8172TB NEC-UPC8172TB Datasheet
79Kb / 7P
   SILICON MMIC 2.5 GHz FREQUENCY UP-CONVERTER FOR WIRELESS TRANSCEIVER
June 2000
logo
Toshiba Semiconductor
TLP222G TOSHIBA-TLP222G_07 Datasheet
189Kb / 6P
   Cordless Telephones
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-DEB1 SUNTSU-SATCA-3C1GF-DEB1 Datasheet
1Mb / 6P
   Cordless Home Telephones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com