Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM2140-P29 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # APM2140-P29
Description  Low Noise and High OIP3 Medium Power Amplifier Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

APM2140-P29 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  APM2140-P29_13 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. APM2140-P29_13 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. APM2140-P29_13 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. APM2140-P29_13 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. APM2140-P29_13 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. APM2140-P29_13 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
www.asb.co.kr
February 2009
plerowTM APM2140-P29
Low Noise & High OIP3
Medium Power Amplifier Module
S-parameters
OIP3
P1dB
2110~2170 MHz
+5 V
Stability Factor (K)
Typical Performance
(Measured)
Noise Figure


Similar Part No. - APM2140-P29_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APM2140-P29 ASB-APM2140-P29_17 Datasheet
404Kb / 6P
   Medium Power Amplifier Module
August 2017
More results

Similar Description - APM2140-P29_13

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
APM1950-P29 ASB-APM1950-P29_13 Datasheet
944Kb / 6P
   Low Noise and High OIP3 Medium Power Amplifier Module
February 2009
APM1842-P29 ASB-APM1842-P29_13 Datasheet
784Kb / 5P
   Low Noise and High OIP3 Medium Power Amplifier Module
February 2009
APM2017-P29 ASB-APM2017-P29_13 Datasheet
886Kb / 6P
   Low Noise and High OIP3 Medium Power Amplifier Module
December 2009
APM2350-P29 ASB-APM2350-P29_13 Datasheet
822Kb / 5P
   Low Noise and High OIP3 Medium Power Amplifier Module
February 2009
APM2600-P29 ASB-APM2600-P29_13 Datasheet
777Kb / 5P
   Low Noise and High OIP3 Medium Power Amplifier Module
February 2009
APM1855-P29 ASB-APM1855-P29_13 Datasheet
780Kb / 5P
   Low Noise and High OIP3 Medium Power Amplifier Module
February 2008
APM0743-P29 ASB-APM0743-P29_13 Datasheet
782Kb / 5P
   Low Noise and High OIP3 Medium Power Amplifier Module
February 2009
APM1765-P29 ASB-APM1765-P29_13 Datasheet
778Kb / 5P
   Low Noise and High OIP3 Medium Power Amplifier Module
February 2009
APM0400-P33 ASB-APM0400-P33 Datasheet
726Kb / 4P
   Low Noise and High OIP3 Medium Power Amplifier Module
October 2009
APM0837-P29 ASB-APM0837-P29_13 Datasheet
764Kb / 5P
   High OIP3 Medium Power Amplifier Module
February 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com