Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5455 Datasheet(PDF) 3 Page - California Eastern Labs

Part # 2SC5455
Description  NPN EPITAXIAL SILICON TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5455 Datasheet(HTML) 3 Page - California Eastern Labs

  2SC5455 Datasheet HTML 1Page - California Eastern Labs 2SC5455 Datasheet HTML 2Page - California Eastern Labs 2SC5455 Datasheet HTML 3Page - California Eastern Labs 2SC5455 Datasheet HTML 4Page - California Eastern Labs 2SC5455 Datasheet HTML 5Page - California Eastern Labs 2SC5455 Datasheet HTML 6Page - California Eastern Labs 2SC5455 Datasheet HTML 7Page - California Eastern Labs 2SC5455 Datasheet HTML 8Page - California Eastern Labs 2SC5455 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
100
20
50
5
1
2
10
10
12
14
16
8
6
4
2
0
VCE = 3 V
f = 2 GHz
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
100
20
50
5
1
2
10
0
10
12
14
16
8
6
4
2
VCE = 3 V
f = 2 GHz
IC
I
A
m
-
t
n
e
rr
u
C
r
o
tc
el
lo
C
-
C
- Collector Current - mA
1
1
10
100
1
0.8
0.6
0.4
0.2
0
10
100
f = 1 MHZ
VCE = 3 V
f = 2 GHz
16
14
12
10
8
6
4
2
0
Ga
NF
IC - Collector Current - mA
GAIN WITH MINIMUM NF/NOISE FIGURE
vs. COLLECTOR CURRENT
VCB - Collector to Base Voltage - V
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
NE67839 / 2SC5455


Similar Part No. - 2SC5455

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5455 NEC-2SC5455 Datasheet
79Kb / 12P
   NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
logo
Renesas Technology Corp
2SC5455 RENESAS-2SC5455 Datasheet
189Kb / 14P
   NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
2SC5455 RENESAS-2SC5455_15 Datasheet
189Kb / 14P
   NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
More results

Similar Description - 2SC5455

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com