Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3585 Datasheet(PDF) 2 Page - California Eastern Labs

Part # 2SC3585
Description  MICROWAVE LOW NOISE AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC3585 Datasheet(HTML) 2 Page - California Eastern Labs

  2SC3585 Datasheet HTML 1Page - California Eastern Labs 2SC3585 Datasheet HTML 2Page - California Eastern Labs 2SC3585 Datasheet HTML 3Page - California Eastern Labs 2SC3585 Datasheet HTML 4Page - California Eastern Labs 2SC3585 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
TYPICAL CHARACTERISTICS (TA = 25 C)
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
200
100
0
10
20
50
100
200
50
1
5
10
50
0.5
100
150
TA-Ambient Temperature-°C
IC-Collector Current-mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 6 V
IC-Collector Current-mA
INSERTION GAIN vs.
COLLECTOR CURRENT
0.1
0.5
0.3
0.2
0.7
1
3
2
1
3
2
5 7
10
20 30
VCB-Collector to Base Voltage-V
FEED-BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
f = 1.0 MHz
0
2
4
6
10
8
1
3
2
5 7
10
20 30
0
12
8
4
16
20
0.1
0.3
0.2
0.5 7.0 1.0
2.0 3.0
f-Frequency-GHz
INSERTION GAIN, MAXIMUM AVAILABLE
GAIN vs. FREQUENCY
VCE = 6 V
IC = 10 mA
5
3
2
7
10
30
20
1
3
2
5 7
10
20 30
IC-Collector Current-mA
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
VCE = 6 V
Free Air
|S21e|2
MAG
VCE = 6 V
f = 2.0 GHz
NE68033 / 2SC3585


Similar Part No. - 2SC3585

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3585 NEC-2SC3585 Datasheet
103Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
logo
Guangdong Kexin Industr...
2SC3585 KEXIN-2SC3585 Datasheet
38Kb / 1P
   NPN Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SC3585 RENESAS-2SC3585 Datasheet
321Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
logo
Inchange Semiconductor ...
2SC3585 ISC-2SC3585 Datasheet
308Kb / 6P
   Low Noise and High Gain
logo
NEC
2SC3585-T1B NEC-2SC3585-T1B Datasheet
103Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
More results

Similar Description - 2SC3585

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
2SC4095 CEL-2SC4095 Datasheet
1Mb / 6P
   MICROWAVE LOW NOISE AMPLIFIER
2SC3583 CEL-2SC3583 Datasheet
1Mb / 5P
   MICROWAVE LOW NOISE AMPLIFIER
2SC4094 CEL-2SC4094 Datasheet
1Mb / 5P
   MICROWAVE LOW NOISE AMPLIFIER
logo
Maxim Integrated Produc...
MAX2611 MAXIM-MAX2611 Datasheet
55Kb / 6P
   DC-to-Microwave, Low-Noise Amplifier
19-1094; Rev 0; 6/96
MAX2650 MAXIM-MAX2650 Datasheet
53Kb / 6P
   DC-to-Microwave, 5V Low-Noise Amplifier
19-1135; Rev 1; 8/03
logo
Renesas Technology Corp
UPA806T RENESAS-UPA806T Datasheet
209Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC3583 RENESAS-2SC3583 Datasheet
321Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4095 RENESAS-2SC4095 Datasheet
329Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC5195 NEC-2SC5195 Datasheet
63Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
2SC3585 RENESAS-2SC3585_15 Datasheet
321Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com